Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVCHR162269A Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74ALVCHR162269A
Description  12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCHR162269A Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74ALVCHR162269A Datasheet HTML 2Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 3Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 4Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCHR162269A Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HD74ALVCHR162269A
6
Electrical Characteristics (Ta = –40 to 85°C)
Item
Symbol V
CC (V)
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.3 to 2.7
1.7
V
2.7 to 3.6
2.0
V
IL
2.3 to 2.7
0.7
2.7 to 3.6
0.8
Output voltage
V
OH
Min to Max V
CC–0.2
V
I
OH = –100 µA
2.3
1.9
I
OH = –4 mA, VIH = 1.7 V
2.3
1.7
I
OH = –6 mA, VIH = 1.7 V
2.7
2.2
I
OH = –4 mA, VIH = 2.0 V
2.7
2.0
I
OH = –8 mA, VIH = 2.0 V
3.0
2.4
I
OH = –6 mA, VIH = 2.0 V
3.0
2.0
I
OH = –12 mA, VIH = 2.0 V
V
OL
Min to Max —
0.2
I
OL = 100 µA
2.3
0.4
I
OL = 4 mA, VIL = 0.7 V
2.3
0.55
I
OL = 6 mA, VIL = 0.7 V
2.7
0.4
I
OL = 4 mA, VIL = 0.8 V
2.7
0.6
I
OL = 8 mA, VIL = 0.8 V
3.0
0.55
I
OL = 6 mA, VIL = 0.8 V
3.0
0.8
I
OL = 12 mA, VIL = 0.8 V
Input current
I
IN
3.6
±5.0
µAV
IN = VCC or GND
I
IN (hold)
2.3
45
V
IN = 0.7 V
2.3
–45
V
IN = 1.7 V
3.0
75
V
IN = 0.8 V
3.0
–75
V
IN = 2.0 V
3.6
±500
V
IN = 0 to 3.6 V
Off state output current
*1 I
OZ
3.6
±10
µAV
OUT = VCC or GND
Quiescent supply current I
CC
3.6
40
µAV
IN = VCC or GND
∆I
CC
3.0 to 3.6
750
One input at (V
CC–0.6) V,
other inputs at V
CC or GND
Notes: 1.
For I/O ports, the parameter I
OZ includes the input leakage current.


Similar Part No. - HD74ALVCHR162269A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVCH162244 HITACHI-HD74ALVCH162244 Datasheet
51Kb / 10P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162244 RENESAS-HD74ALVCH162244 Datasheet
129Kb / 10P
   16-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH162244 RENESAS-HD74ALVCH162244_15 Datasheet
154Kb / 12P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results

Similar Description - HD74ALVCHR162269A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16269 TI-SN74ALVCH16269_07 Datasheet
441Kb / 16P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVC162268 TI1-SN74ALVC162268 Datasheet
199Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16270 HITACHI-HD74ALVCH16270 Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com