Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER104 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HER104
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HER104 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HER104 Datasheet HTML 1Page - List of Unclassifed Manufacturers HER104 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
1
2
4
6 8 10
20
40
60
100
100
10
1
0.1
1.0
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE,( C)
o
NUMBER OF CYCLES AT 60 Hz
REVRESE VOLTAGE,(V)
1 Cycle
30
20
10
0
HER101-HER
105
HER106-HER
107
10
1.0
0.1
0.01
0.001
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
100
10
1.0
0.1
0
20
40
60
80
100
120
140
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
T =100 C
j
o
T =25 C
j
o
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
NOTES: 1.Rise Time=7ns max.Input Impedance=
1 megohm.22pF
2.Rise time=10ns max.Source Impedance=
50 ohms
FIG.6-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
PULSE
GENERATIOR
(NOTE 2)
50
NONINDUCTIVE
10
NONINDUCTIVE
25 Vdc
(approx.)
1
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
(-)
(+)
(+)
(-)
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE FOR
50/100ns/cm
D.U.T.
HER101-HER107
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - HER104

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER104 MOSPEC-HER104 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER104 DGNJDZ-HER104 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Shunye Electro...
HER104 SY-HER104 Datasheet
260Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER104 GOOD-ARK-HER104 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Nantong Hornby Electron...
HER104 HORNBY-HER104 Datasheet
238Kb / 3P
   HIGH EFFICENCY RECTIFIER
More results

Similar Description - HER104

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com