Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC540A Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74BC540A
Description  Octal Buffers/Line Drivers With 3 State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74BC540A Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74BC540A Datasheet HTML 1Page - Hitachi Semiconductor HD74BC540A Datasheet HTML 2Page - Hitachi Semiconductor HD74BC540A Datasheet HTML 3Page - Hitachi Semiconductor HD74BC540A Datasheet HTML 4Page - Hitachi Semiconductor HD74BC540A Datasheet HTML 5Page - Hitachi Semiconductor HD74BC540A Datasheet HTML 6Page - Hitachi Semiconductor HD74BC540A Datasheet HTML 7Page - Hitachi Semiconductor HD74BC540A Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74BC540A
4
Electrical Characteristics (Ta = –40 to +85°C)
Item
Symbol
V
CC(V)
Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
V
V
IL
0.8
V
Output voltage
V
OH
4.5
2.4
V
I
OH = –3 mA
4.5
2.0
V
I
OH = –15 mA
V
OL
4.5
0.5
V
I
OL = 48 mA
4.5
0.55
V
I
OL = 64 mA
Input diode voltage
V
IK
4.5
–1.2
V
I
IN = –18 mA
Input current
I
I
5.5
–250
µAV
IN = 0 V
5.5
1.0
µAV
IN = 5.5 V
5.5
100
µAV
IN = 7.0 V
Short circuit output current*
1
I
OS
5.5
–100
–225
mA
V
IN = 0 or 5.5 V
Off state output current
I
OZH
5.5
50
µAV
O = 2.7 V
I
OZL
5.5
–50
µAV
O = 0.5 V
Supply current
I
CCL
5.5
27.5
mA
V
IN = 0 or 5.5 V
All outputs is “L”
I
CCH
5.5
2.5
mA
V
IN = 0 or 5.5 V
All outputs is “H”
I
CCZ
5.5
2.5
mA
V
IN = 0 or 5.5 V
All outputs is “Z”
I
CCT*
2
5.5
1.5
mA
V
IN = 3.4V or 0.5V
Notes: 1. Not more than one output should be shorted at a time and duration of the short circuit should not
exceed one second.
2. When input by the TTL level, it shows I
CC increase at per one input pin.


Similar Part No. - HD74BC540A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74BC540A RENESAS-HD74BC540A Datasheet
201Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC540AFPEL RENESAS-HD74BC540AFPEL Datasheet
201Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
More results

Similar Description - HD74BC540A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com