Electronic Components Datasheet Search |
|
70509-C-50 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
70509-C-50 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 10/06/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 38700-7509 Status: Active Overview: Beau™ Barrier Strips Description: 8.26mm Pitch Beau™ PCB Terminal Strip, without Mounting Ends, 9 Circuits, with Screw Clamp Washer Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family Terminal Blocks Series 38700 Application N/A Component Type One Piece Overview Beau™ Barrier Strips Product Name Fixed Mount Barrier Type Barrier Strip UPC 800756317663 Physical Circuits (Loaded) 9 Circuits (maximum) 9 Entry Angle Horizontal Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Number of Rows 1 Orientation Horizontal PC Tail Length 3.56mm PCB Retention None Panel Mount No Pitch - Mating Interface 8.26mm Pitch - Termination Interface 8.26mm Plating min - Mating 3.810µm Plating min - Termination 3.810µm Polarized to Mating Part No Shrouded Dual-Barrier Stackable Yes Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +130°C Termination Interface: Style Through Hole Wire Size AWG 12, 14, 16, 18, 20, 22 Wire Size mm² 0.50 - 2.50 Electrical Current - Maximum per Contact 20A Voltage - Maximum 300V Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Old Part Number 70509-C-50 Reference - Drawing Numbers Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 38700Series Mates With N/A |
Similar Part No. - 70509-C-50 |
|
Similar Description - 70509-C-50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |