Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74CDC2509B Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74CDC2509B
Description  3.3-V Phase-lock Loop Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74CDC2509B Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD74CDC2509B Datasheet HTML 3Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 4Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 5Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 6Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 7Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 8Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 9Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 10Page - Hitachi Semiconductor HD74CDC2509B Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74CDC2509B
8
Test Circuit
500
From output
under test
C = 30 pF
L
*1
Note:
1.
C
L includes probe and jig capacitance.
Waveforms – 1
VOH
VOL
CC
0 V
3 V
50% V
CC
50% V
CC
50% V
2 V
2 V
0.4 V
0.4 V
TLH
t
THL
t
Input
Output
(=FBOUT)
Notes:
1.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 100
MHz, Z
O = 50 Ω, t r = 1.2 ns, tf = 1.2 ns.
2.
The outputs are measured one at a time with one transition per measurement.


Similar Part No. - HD74CDC2509B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CDC2509B RENESAS-HD74CDC2509B Datasheet
228Kb / 8P
   3.3-V Phase-lock Loop Clock Driver
HD74CDC2509BTEL RENESAS-HD74CDC2509BTEL Datasheet
228Kb / 8P
   3.3-V Phase-lock Loop Clock Driver
More results

Similar Description - HD74CDC2509B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com