Electronic Components Datasheet Search |
|
G527570 Datasheet(PDF) 1 Page - E-SWITCH |
|
G527570 Datasheet(HTML) 1 Page - E-SWITCH |
|
1 / 1 page ISOMETERIC ISOMETERIC TITLE SCALE DATE DR DWG REV THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED SHEET OF REV PCR NO DESCRIPTION DATE BY KC54A10.001NPF 1.5:1 3/10/2009 G527570 A BLR 1 1 A 1 4 CONTACT CONFIGURATION TIMING (BBM) NON-SHORTING 9 A 4 P.C. MOUNTING 1 8.00 [.315 in] 10.50 [.413 in] 2.00 [.079 in] 10.00 [.394 in] 2.00 [.079 in] 14.20 [.559 in] 3.40 [.134 in] n26.00 [1.024 in] NOTE: 1. ALL DIMENSIONS IN MM[INCH]. 2. GENERAL TOLERANCE: X.X=`0.4 X.XX=`0.25 3. TERM. NOS. FOR REFERENCE ONLY. 4. CONTACT MATERIAL: GOLD 5. CONTACT RATING: 150MILLIAMP, 250VAC/DC 350MILLIAMP, 110VAC/DC 6. CONTACT RATING (NON-SWITCHING): 5A 7. OPERATING FORCE: 800 ` 300 gm/cm 8. OPERATING TEMP: -30~C TO 85~C 9. CIRCUIT SP: 2 POSITION - 90~ INDEX. 10. WITHSTAND VOLTAGE: 500VAC FOR 1 MINUTE. 11. HARDWARE SUPPLIED ON SWITCH: LOCKWASHER, HEXNUT, STOP RING 12. DENOTES CRITICAL PARAMETER. 13. 2002/95/EC (ROHS) COMPLIANT HARDWARE SUPPLIED ON SWITCH A 18426 RELEASED FOR PRODUCTION 3/10/09 BLR 5.50 [.217 in] FLAT 90° n6.35 [.250 in] PIN #9 IS ONLY FOR MECHANICAL SUPPORT (NOT ELECTRICALLY ACTIVE) n 17.30 [.681 in] 3/8-32 UNEF-2A THREADS 30.0° 60.0° 120.0° n3.00 [.118 in] n1.40 [.055 in] (4) 9.50 `.30 .374 `.012 in [ ] n 8.00 [.315 in] n 22.00 [.866] |
Similar Part No. - G527570 |
|
Similar Description - G527570 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |