Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV633PG-G Datasheet(PDF) 11 Page - Supertex, Inc

Part # HV633PG-G
Description  32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV633PG-G Datasheet(HTML) 11 Page - Supertex, Inc

Back Button HV633PG-G Datasheet HTML 5Page - Supertex, Inc HV633PG-G Datasheet HTML 6Page - Supertex, Inc HV633PG-G Datasheet HTML 7Page - Supertex, Inc HV633PG-G Datasheet HTML 8Page - Supertex, Inc HV633PG-G Datasheet HTML 9Page - Supertex, Inc HV633PG-G Datasheet HTML 10Page - Supertex, Inc HV633PG-G Datasheet HTML 11Page - Supertex, Inc HV633PG-G Datasheet HTML 12Page - Supertex, Inc HV633PG-G Datasheet HTML 13Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
HV633
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Pin #
Function
Description
29
VDD (digital)*
Low-voltage digital supply voltage.
30
D7
Inputs for binary-format parallel data.
31
D6
32
D5
33
D4
34
D3
35
D2
36
D1
37
NC
No connect.
38
LVGND
This is ground for the logic section. HVGND and LVGND should be connected together
externally.
39
NC
No connect.
40
LC (Load Count)
Input for a pulse whose rising edge causes data from the input latches to enter the
comparator latches, and whose falling edge initiates the conversion of this binary data
to an output level (D-to-A). Also, the HV
OUT will clear to zero after the load count is
initiated.
41
NC
No connect.
42
CC (Count Clock)
Input to the count clock generator whose increments are compared to the data in the
comparator latches.
43
CSO
Input pin for the chip select pulse (when DIR is low). Output pin for the chip select pulse
(when DIR is high).
44
NC
No connect.
45
VPP
This input biases the output source followers.
46
NC
No connect.
47
VR
High-voltage ramp input for charging the output stage hold capacitors (CH).This input
can be linear or non-linear as desired.
48
HVGND
This is ground for the high-voltage (output) section.HVGND and LVGND should be
connected together externally.
49
HV
OUT17
High-voltage outputs
50
HV
OUT18
51
HV
OUT19
52
HV
OUT20
53
HV
OUT21
54
HV
OUT22
55
HV
OUT23
56
HV
OUT24
57
HV
OUT25
58
HV
OUT26
Pin Descriptions (cont.)
* Analog VDD and digital VDD may be connected seperately for better noise immunity.


Similar Part No. - HV633PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV633PG-G SUTEX-HV633PG-G Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
More results

Similar Description - HV633PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV633 SUTEX-HV633_03 Datasheet
109Kb / 11P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV623 SUTEX-HV623 Datasheet
64Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633 Datasheet
390Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_14 Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV62106 SUTEX-HV62106 Datasheet
36Kb / 5P
   64-Channel Gray-Shade Display Column Driver
HV62208 SUTEX-HV62208 Datasheet
463Kb / 6P
   32-Channel 256 Gray-Shade High Voltage Driver
HV632 SUTEX-HV632_13 Datasheet
843Kb / 9P
   32-Channel, 256 Gray-Shade High Voltage Driver
HV632 SUTEX-HV632 Datasheet
83Kb / 8P
   32-Channel 256 Gray-Shade High Voltage Driver
logo
New Japan Radio
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
   128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Hitachi Semiconductor
HD66520 HITACHI-HD66520 Datasheet
338Kb / 45P
   160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com