Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV633PG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV633PG-G
Description  32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV633PG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV633PG-G Datasheet HTML 1Page - Supertex, Inc HV633PG-G Datasheet HTML 2Page - Supertex, Inc HV633PG-G Datasheet HTML 3Page - Supertex, Inc HV633PG-G Datasheet HTML 4Page - Supertex, Inc HV633PG-G Datasheet HTML 5Page - Supertex, Inc HV633PG-G Datasheet HTML 6Page - Supertex, Inc HV633PG-G Datasheet HTML 7Page - Supertex, Inc HV633PG-G Datasheet HTML 8Page - Supertex, Inc HV633PG-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
HV633
Supertex inc. 1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Ordering Information
Device
64-Lead PQFP (3-sided)
20.00x14.00mm body
3.40mm height (max)
0.80mm pitch
3.90mm footprint
HV633
HV633PG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-0.5V to +7.5V
Supply voltage, V
PP
-0.5V to +90V
Logic input levels
-0.5V to V
DD +0.5V
Ground current1
1.5A
Continuous total power dissipation2
2.0W
Maximum junction temperature
125°C
Storage temperature range
-65°C to +150°C
Lead temperature
(1.6mm (1/16 inch) from case for 10 seconds)
260°C
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Notes:
Duty cycle is limited by the total power dissipated in the package.
For operation above 25°C ambient derate linearly to 125°C at
20mW/°C.
1.
2.
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units
V
DD
Low-voltage digital supply voltage
4.5
5.0
5.5
V
Low-voltage analog supply voltage
V
IH
High-level input voltage (analog & digital)
V
DD -1
-
V
DD
V
V
IL
Low-level input voltage (analog & digital)
0
-
1.0
V
V
BIAS
I
PP control circuit bias voltage
-2.0
0
-
V
V
CTL
I
PP control circuit control voltage
-
0
2.0
V
V
PP
High voltage supply
-0.3
-
80
V
V
R
Ramp voltage
0
-
V
PP -2
V
f
SC
Shift clock operating frequency (at V
DD = 5.5V)
-
-
12
MHz
Pin Configuration
1
64
Product Marking
L = Lot Number
YY = Year Sealed
WW = Week Sealed
C = Country of Origin
A = Assembler ID
= “Green” Packaging
Top Marking
HV633PG
L L L L L L L L L L
YYWW
CCCCCCCC AAA
64-Lead PQFP (3-sided) (PG)
64-Lead PQFP (3-sided) (PG)
(top view)
Package may or may not include the following marks: Si or


Similar Part No. - HV633PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV633PG-G SUTEX-HV633PG-G Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
More results

Similar Description - HV633PG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV633 SUTEX-HV633_03 Datasheet
109Kb / 11P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV623 SUTEX-HV623 Datasheet
64Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633 Datasheet
390Kb / 10P
   32-Channel 128-Level Amplitude Gray-Shade Display Column Driver
HV633 SUTEX-HV633_14 Datasheet
1Mb / 12P
   32-Channel, 128-Level Amplitude Gray-Shade Display Column Driver
HV62106 SUTEX-HV62106 Datasheet
36Kb / 5P
   64-Channel Gray-Shade Display Column Driver
HV62208 SUTEX-HV62208 Datasheet
463Kb / 6P
   32-Channel 256 Gray-Shade High Voltage Driver
HV632 SUTEX-HV632_13 Datasheet
843Kb / 9P
   32-Channel, 256 Gray-Shade High Voltage Driver
HV632 SUTEX-HV632 Datasheet
83Kb / 8P
   32-Channel 256 Gray-Shade High Voltage Driver
logo
New Japan Radio
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
   128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Hitachi Semiconductor
HD66520 HITACHI-HD66520 Datasheet
338Kb / 45P
   160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com