Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE434S01-T1B Datasheet(PDF) 2 Page - NEC

Part # NE434S01-T1B
Description  C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE434S01-T1B Datasheet(HTML) 2 Page - NEC

  NE434S01-T1B Datasheet HTML 1Page - NEC NE434S01-T1B Datasheet HTML 2Page - NEC NE434S01-T1B Datasheet HTML 3Page - NEC NE434S01-T1B Datasheet HTML 4Page - NEC NE434S01-T1B Datasheet HTML 5Page - NEC NE434S01-T1B Datasheet HTML 6Page - NEC NE434S01-T1B Datasheet HTML 7Page - NEC NE434S01-T1B Datasheet HTML 8Page - NEC NE434S01-T1B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
NE434S01
ELECTRO-OPTICAL CHARACTERISTICS (TA = 25
qqqqC)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Gate to Source Leak Current
ISGO
0.5
10
PAVGS = ð3 V
Saturated Drain Current
IDSS
20
80
150
mA
VDS = 2 V, VGS = 0 V
Gate to Source Cutoff Voltage
VGS(off)
ð0.2
ð0.9
ð2.5
V
VDS = 2 V, ID = 100
PA
Transconductance
gm
70
85
mS
VDS = 2 V, ID = 14 mA
Noise Figure
NF
0.35
0.45
dB
VDS = 2 V, ID = 15 mA,
Associated Gain
Ga
13.0
15.5
dB
f = 4 GHz


Similar Part No. - NE434S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE434S01-T1B NEC-NE434S01-T1B Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE434S01-T1B CEL-NE434S01-T1B Datasheet
42Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
More results

Similar Description - NE434S01-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE334S01 NEC-NE334S01 Datasheet
74Kb / 12P
   C BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com