Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX1198NLT Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # HX1198NLT
Description  10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

HX1198NLT Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  HX1198NLT Datasheet HTML 1Page - Pulse A Technitrol Company HX1198NLT Datasheet HTML 2Page - Pulse A Technitrol Company HX1198NLT Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.pulseeng.com
3
Typical Application Circuit
10/100BASE-T SINGLE PORT
SURFACE MOUNT MAGNETICS
With Various Turns Ratios
H1102
1
2
3
6
7
8
EFI Capicitor
(1000 pF, 2 kV)
10/100 Circuit
H1102
CHIP SIDE
CABLE SIDE
1 TX+
2 TX-
3 RX+
4
5
6 RX-
7
8
(2X 0.01 µF)
4X 75 W
16
15
14
11
10
9
TD+
TD-
RD+
RD-
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4643715
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2008. Pulse Engineering, Inc. All rights reserved.


Similar Part No. - HX1198NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX1198NL PULSE-HX1198NL Datasheet
229Kb / 4P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1198NL PULSE-HX1198NL Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
HX1198NL PULSE-HX1198NL Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1198NL PULSE-HX1198NL Datasheet
298Kb / 3P
   MDL,SIN,100D,1:1,SMT
HX1198NL13 PULSE-HX1198NL13 Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
More results

Similar Description - HX1198NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX1188T PULSE-HX1188T Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1198 PULSE-HX1198 Datasheet
229Kb / 4P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
List of Unclassifed Man...
UT12005 ETC1-UT12005 Datasheet
24Kb / 1P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Pulse A Technitrol Comp...
H1183NLT PULSE-H1183NLT Datasheet
211Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1188NL PULSE-HX1188NL Datasheet
211Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1102T PULSE-H1102T Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1092NL PULSE-H1092NL Datasheet
100Kb / 2P
   10/100BASE-T QUAD PORT SURFACE MOUNT MAGNETICS
logo
Bel Fuse Inc.
S558-5999-K8 BEL-S558-5999-K8 Datasheet
46Kb / 2P
   10/100BASE-T LAN MAGNETICS Single Port Transformer Modules
logo
Rhombus Industries Inc.
T-18204 RHOMBUS-IND-T-18204 Datasheet
21Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Micro Electronics
UT12002 MICRO-ELECTRONICS-UT12002 Datasheet
24Kb / 1P
   10/100 BASE T SINGLE PORT SURFACE MOUNT MAGNETICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com