Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX1188NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # HX1188NL
Description  10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

HX1188NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  HX1188NL Datasheet HTML 1Page - Pulse A Technitrol Company HX1188NL Datasheet HTML 2Page - Pulse A Technitrol Company HX1188NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
.350
8,89
.004
0,10
.236
5,97
0° – 8°
.050
1,27
16 Surfaces
.004/0,10
.030 to .035
0,76
0,89
MIN
.350
8,89
.030
0,76
.270
6,86
.115
2,92
.405
10,20
.050
1,27
.280
7,11
.500
12,70
.059
1,50
.020 ± .002
0,51 0,05
Date Code Country of Origin
MAX
MAX
* .380
9,53
Mechanical
* For part number H1183, all dimensions are the same, except the height is .220” (5,59 mm).
H110X, H1121, H1183,* H1199, HX1188, HX1198, H1302
www.pulseeng.com
1
H325.O (9/08)
RoHS-5 peak reflow temperature rating 235°C
RoHS-6 peak reflow temperature rating 245°C°°
Meets IEEE 802.3 specification
Compact footprint for use in the most space-restrictive applications
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Weight . . . . . . .0.9 grams
Tube . . . . . . . . . . 45/tube
Tape & Reel . . . . 600/reel
USA 858 674 8100
Germany 49 7032 7806 0 Singapore 65 6287 8998 Shanghai 86 21 32181071 China 86 755 33966678 Taiwan 886 3 4643715
10/100BASE-T SINGLE PORT
SURFACE MOUNT MAGNETICS
With Various Turns Ratios
RoHS-6 5
RoHS-5 4
Insertion Loss
Return Loss
Differential to Common
Crosstalk
Hipot
Compliant
Compliant Turns Ratio
100kHz–100MHz
(dB TYP)
Mode Rejection
(dB TYP)
(VRMS
Part
Part
(db MAX)
(dB TYP)
MIN)
Number
Number
TX
RX
30MHz
60MHz
80MHz
30MHz
50MHz
100MHz
30MHz
60MHz 100MHz
H1100NL3a
H1100
2:1
1:1
-1.1
-20
-14
-11.5
-42
-37
-33
-45
-40
-35
1500
H1101NL3a
__
1.25:1
1:1
-1.1
-20
-14
-11.5
-42
-37
-33
-45
-40
-35
1500
H1102NL3a
H1102
1:1
1:1
-1.1
-20
-14
-11.5
-42
-37
-33
-45
-40
-35
1500
H1121NL3c
H1121
1:1.414 1:1
-1.1
-18
-12
-11.5
-42
-37
-30
-45
-40
-35
1500
H1183NL3a
H1183
1:1
1:1
-1.0
-18
-14
-12
-40
-40
-40
-35
-35
-35
1500
H1199NL3a
H1199
1:1
1:1
-0.9
-18
-12
-11
-40
-35
-30
-45
-45
-37
1500
HX1188NL1, 3a
HX1188 1
1:1
1:1
-1.0
-20
-14
-12
-42
-37
-32
-45
-40
-35
1500
HX1198 NL1, 3a
HX1198 1
1:1
1:1
-1.0
-20
-14
-12
-42
-37
-32
-45
-40
-35
1500
H1302NL3a
H1302
1:1
1:1
-1.1
-16
-10
-10
-42
-37
-32
-35
-30
-30
1500
1. Operating temperature -40oC to +85oC
2. For Tape & Reel packaging, add a “T” suffix at the end of the part number when ordering, e.g. H1102T.
3. MSL = Moisture Sensitivity Level a=1 b=2 c=3 d=4
4. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications
considered solder).
5. RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain
lead in high-temperature solder (solder alloys containing more than 85% lead).
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C


Similar Part No. - HX1188NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX1188NL PULSE-HX1188NL Datasheet
211Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1188NL PULSE-HX1188NL Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
HX1188NL PULSE-HX1188NL Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1188NL PULSE-HX1188NL Datasheet
211Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1188NL13 PULSE-HX1188NL13 Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
More results

Similar Description - HX1188NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
HX1188T PULSE-HX1188T Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1198 PULSE-HX1198 Datasheet
229Kb / 4P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
List of Unclassifed Man...
UT12005 ETC1-UT12005 Datasheet
24Kb / 1P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Pulse A Technitrol Comp...
H1183NLT PULSE-H1183NLT Datasheet
211Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
HX1188NL PULSE-HX1188NL Datasheet
211Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1102T PULSE-H1102T Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1092NL PULSE-H1092NL Datasheet
100Kb / 2P
   10/100BASE-T QUAD PORT SURFACE MOUNT MAGNETICS
logo
Bel Fuse Inc.
S558-5999-K8 BEL-S558-5999-K8 Datasheet
46Kb / 2P
   10/100BASE-T LAN MAGNETICS Single Port Transformer Modules
logo
Rhombus Industries Inc.
T-18204 RHOMBUS-IND-T-18204 Datasheet
21Kb / 1P
   10/100 BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
logo
Micro Electronics
UT12002 MICRO-ELECTRONICS-UT12002 Datasheet
24Kb / 1P
   10/100 BASE T SINGLE PORT SURFACE MOUNT MAGNETICS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com