Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC112 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74HC112
Description  Dual J-K Flip-Flops (with Preset and Clear)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC112 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC112 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74HC112
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
6
5
MHz
frequency
4.5
30
24
6.0
35
28
Propagation delay t
PLH
2.0
150 —
190
ns
Clock to Q or
Q
time
t
PHL
4.5
17
30
38
6.0
26
33
2.0
140 —
175
Clear to Q or
Q
4.5
15
28
35
6.0
24
30
2.0
140 —
175
Preset Q or
Q
4.5
16
28
35
6.0
24
30
Pulse width
t
w
2.0
80
100
ns
Clock, Clear
4.5
16
9
20
6.0
14
17
Setup time
t
su
2.0
100 —
125
ns
Data to Clock
4.5
20
3
25
6.0
17
21
Hold time
t
h
2.0
5
5
ns
Clock to Data
4.5
5
–2
5
6.0
5
5
Removal time
t
rem
2.0
100 —
125
ns
Clear to Clock
4.5
20
2
25
6.0
17
21
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC112

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC112 RENESAS-HD74HC112 Datasheet
102Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC112FPEL RENESAS-HD74HC112FPEL Datasheet
102Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC112P RENESAS-HD74HC112P Datasheet
102Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
More results

Similar Description - HD74HC112

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
   Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
   Dual J-K Flip-Flops with Clear and Preset
logo
National Semiconductor ...
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
   Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
   Dual J-K Flip-Flops with Preset and Clear
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
   Dual J-K Flip-Flops with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com