Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC123 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HC123
Description  Dual Retriggerable Monostable Multivibrators (with Clear)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HC123 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HC123 Datasheet HTML 1Page - Hitachi Semiconductor HC123 Datasheet HTML 2Page - Hitachi Semiconductor HC123 Datasheet HTML 3Page - Hitachi Semiconductor HC123 Datasheet HTML 4Page - Hitachi Semiconductor HC123 Datasheet HTML 5Page - Hitachi Semiconductor HC123 Datasheet HTML 6Page - Hitachi Semiconductor HC123 Datasheet HTML 7Page - Hitachi Semiconductor HC123 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HC123 NSC-HC123 Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
NXP Semiconductors
HC123 PHILIPS-HC123 Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
logo
STMicroelectronics
HC123 STMICROELECTRONICS-HC123 Datasheet
291Kb / 14P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Texas Instruments
HC123 TI-HC123 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Toshiba Semiconductor
HC123 TOSHIBA-HC123 Datasheet
486Kb / 12P
   DUAL MONOSTABLE MULTIVIBRATOR. RETRIGGERBLE/NON-RETRIGGERBLE
More results

Similar Description - HC123

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS123 RENESAS-HD74LS123 Datasheet
90Kb / 9P
   Dual Retriggerable Monostable Multivibrators (with Clear)
HD74HC123A RENESAS-HD74HC123A Datasheet
59Kb / 8P
   Dual Retriggerable Monostable Multivibrators (with Clear)
logo
Hitachi Semiconductor
HD74LS123 HITACHI-HD74LS123 Datasheet
87Kb / 7P
   Dual Retriggerable Monostable Multivibrators(with Clear)
logo
Renesas Technology Corp
HD74HC123A RENESAS-HD74HC123A_15 Datasheet
122Kb / 11P
   Dual Retriggerable Monostable Multivibrators (with Clear)
logo
Hitachi Semiconductor
HD74LS122 HITACHI-HD74LS122 Datasheet
91Kb / 7P
   Retriggerable Monostable Multivibrators(with Clear)
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com