Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE6500379A-T1 Datasheet(PDF) 4 Page - NEC

Part # NE6500379A-T1
Description  3W L, S-BAND POWER GaAs MESFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE6500379A-T1 Datasheet(HTML) 4 Page - NEC

  NE6500379A-T1 Datasheet HTML 1Page - NEC NE6500379A-T1 Datasheet HTML 2Page - NEC NE6500379A-T1 Datasheet HTML 3Page - NEC NE6500379A-T1 Datasheet HTML 4Page - NEC NE6500379A-T1 Datasheet HTML 5Page - NEC NE6500379A-T1 Datasheet HTML 6Page - NEC NE6500379A-T1 Datasheet HTML 7Page - NEC NE6500379A-T1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
NE6500379A
APPLICATION CIRCUIT EXAMPLE (Unit: mm)
Tantalum Condenser
100 F
µ
Tantalum Condenser
47 F
µ
Rg
1000 p
/4 OPEN STUB
λ
/4 OPEN STUB
λ
INPUT
OUTPUT
C1
3
32.5
5
5
19
13
1
1
6.5
4
50
Ω LINE
/4 LINE
λ
C2
GND
Substrate: Teflon glass ( r = 2.6)
t = 0.8 mm
ε
f = 1.9 GHZ
VDS = 6 V
IDset = 500 mA (RF OFF)
C1 = 30 pF
C2 = 30 pF
Rg = 30
2
6
4
4.5
25
2
5
8
2
4
4
4
3
3
1
55
3
VGS
VDS


Similar Part No. - NE6500379A-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE6500379A-T1 CEL-NE6500379A-T1 Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
logo
Renesas Technology Corp
NE6500379A-T1 RENESAS-NE6500379A-T1 Datasheet
219Kb / 10P
   N-CHANNEL GaAs MES FET
1998
More results

Similar Description - NE6500379A-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
logo
NEC
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE6501077 CEL-NE6501077_00 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE650496 CEL-NE650496 Datasheet
34Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
NE6501077 CEL-NE6501077 Datasheet
32Kb / 2P
   L/S BAND MEDIUM POWER GaAs MESFET
NE650103M CEL-NE650103M Datasheet
259Kb / 7P
   10 W L & S-BAND POWER GaAs MESFET
logo
NEC
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
NES1823P-100 NEC-NES1823P-100 Datasheet
154Kb / 20P
   100W L-BAND PUSH-PULL POWER GaAs MESFET
logo
California Eastern Labs
NE76118 CEL-NE76118 Datasheet
33Kb / 4P
   GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
   NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com