Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE6500496 Datasheet(PDF) 5 Page - NEC

Part # NE6500496
Description  4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE6500496 Datasheet(HTML) 5 Page - NEC

  NE6500496 Datasheet HTML 1Page - NEC NE6500496 Datasheet HTML 2Page - NEC NE6500496 Datasheet HTML 3Page - NEC NE6500496 Datasheet HTML 4Page - NEC NE6500496 Datasheet HTML 5Page - NEC NE6500496 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NE6500496
5
VDS = 10.0 V, IDS = 400 mA, VGS = –1.662 V, IG = 0.0 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.100
0.975
–80.1
17.360
137.5
0.011
55.3
0.601
–172.5
0.200
0.956
–118.9
11.506
116.5
0.015
39.8
0.657
–175.0
0.300
0.951
–137.7
8.292
105.6
0.016
30.2
0.678
–177.5
0.400
0.949
–148.4
6.420
98.7
0.016
28.9
0.687
–179.5
0.500
0.947
–155.3
5.212
93.8
0.017
26.7
0.692
178.9
0.600
0.946
–160.1
4.388
89.8
0.017
26.5
0.695
177.7
0.700
0.946
–163.8
3.786
86.4
0.018
28.9
0.697
176.4
0.800
0.945
–166.8
3.333
83.4
0.018
30.9
0.698
175.3
0.900
0.945
–169.1
2.977
80.5
0.018
32.2
0.700
174.2
1.000
0.945
–171.2
2.691
77.9
0.019
32.4
0.702
173.3
1.100
0.944
–173.1
2.448
75.2
0.020
32.7
0.703
172.4
1.200
0.945
–174.5
2.260
73.0
0.020
35.5
0.703
171.4
1.300
0.944
–175.8
2.096
70.8
0.021
36.6
0.706
170.5
1.400
0.943
–177.1
1.955
68.6
0.021
37.8
0.708
169.7
1.500
0.944
–178.2
1.834
66.5
0.022
38.5
0.708
168.9
1.600
0.943
–179.4
1.726
64.2
0.022
40.0
0.707
167.8
1.700
0.943
179.6
1.632
62.1
0.024
41.6
0.710
166.6
1.800
0.943
178.6
1.552
60.0
0.024
41.7
0.714
165.7
1.900
0.943
177.7
1.474
58.1
0.025
44.3
0.711
164.9
2.000
0.944
176.8
1.408
55.8
0.026
43.4
0.712
163.5
2.100
0.943
176.0
1.348
53.9
0.027
45.6
0.716
162.4
2.200
0.945
175.2
1.299
52.0
0.028
46.1
0.721
161.5
2.300
0.944
174.3
1.248
50.2
0.030
47.1
0.719
160.8
2.400
0.944
173.5
1.203
48.0
0.031
46.0
0.720
159.1
2.500
0.944
172.7
1.166
46.2
0.031
46.0
0.728
157.9
2.600
0.944
171.9
1.132
44.5
0.033
47.5
0.736
157.2
2.700
0.945
171.2
1.089
42.9
0.034
48.6
0.733
156.6
2.800
0.946
170.4
1.055
40.8
0.036
46.6
0.732
155.0
2.900
0.947
169.6
1.029
38.9
0.037
46.8
0.741
153.7
3.000
0.945
168.7
1.008
36.9
0.039
46.7
0.753
152.9
3.500
0.947
165.0
0.901
28.7
0.046
47.0
0.761
149.2
4.000
0.950
160.5
0.838
20.0
0.056
41.3
0.769
144.6
4.500
0.940
155.3
0.806
10.9
0.059
37.3
0.775
138.6
5.000
0.933
149.6
0.792
0.4
0.068
34.0
0.791
131.2


Similar Part No. - NE6500496

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE6500496 RENESAS-NE6500496 Datasheet
196Kb / 8P
   GaAs MES FET
1996
logo
NEC
NE6500496 NEC-NE6500496_00 Datasheet
33Kb / 2P
   L&S BAND MEDIUM POWER GaAs MESFET
More results

Similar Description - NE6500496

ManufacturerPart #DatasheetDescription
logo
NEC
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
   0.4 W L, S-BAND POWER GaAs MES FET
NE650R279A NEC-NE650R279A Datasheet
77Kb / 8P
   0.2 W L, S-BAND POWER GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
   N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
logo
NEC
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
   2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
   15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com