Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XADRP-14V Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XADRP-14V
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XADRP-14V Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XADRP-14V Datasheet HTML 1Page - List of Unclassifed Manufacturers XADRP-14V Datasheet HTML 2Page - List of Unclassifed Manufacturers XADRP-14V Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
53
XAD CONNECTOR
2.5mm pitch/Disconnectable Crimp style connectors
ラジアル
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC (AWG #20)
• Voltage rating: 250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance: 1,000M
Ω min.
• Withstanding voltage: 1,000V AC/minute
• Applicable wire: AWG #28 to #20
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R9851219
Double-row construction connector with
secure locking device.
• Secure locking device
• Solder crack preventive material
• Polarizing boss
• Mis-insertion preventive design
φ0.9
0.1
 0
φ1.1
Circuit No.1
0.1
 0
±
0.05
A
φ0.9
0.1
 0
±
0.05
2.5
±
0.05
A
±
0.05
2.5
±
0.05
1.7
11.5
Circuit No.1
Even number circuits
Odd number circuits
Even number
circuits
Odd number
circuits
Top entry type
With a boss
Without a boss
φ0.9
0.1
 0
±
0.05
A
±
0.05
2.5
±
0.05
2.8
Circuit No.1
Odd number
circuits
Even number
circuits
19.9
Side entry type
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
2. Hole dimensions differ according to the kind of PC board and piercing method. The dimensions above should serve as a guideline.
Contact JST for details.
PC board layout (viewed from component side) and Assembly layout


Similar Part No. - XADRP-14V

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
XADRP-14V JST-XADRP-14V Datasheet
203Kb / 4P
   XAD CONNECTOR 2.5 mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results

Similar Description - XADRP-14V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com