Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T507005 Datasheet(PDF) 1 Page - E-SWITCH

Part # T507005
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T507005 Datasheet(HTML) 1 Page - E-SWITCH

  T507005 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
500SSP2S2M7QEA
2:1
11/1/2006
T507005
A
TN
1
1
A
16600
RELEASED FOR PRODUCTION
11/01/2006
TN
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-1
N/A
2-3
(ON)=MOMENTARY
2
13
CIRCUIT: SPDT
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 2A @ 250 VAC
5A @ 120 VAC OR 28 VDC
6. ELECTRIC LIFE: 30,000 ACTUATIONS
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. TRAVEL: 2.16mm
12. 2002/95/EC (ROHS) COMPLIANT
1
2
3
P.C. MOUNTING
6.87
[.270 in]
3.86
[.152 in]
.36
[.014 in]
10.16
[.400 in]
1.27
[.050 in]
6.10
[.240 in]
2.16
[.085 in]
3.81
[.150 in]
.76
[.030 in]
2.69
[.106 in]
EPOXY SEAL
4.45
[.175 in]
1.17
[.046 in]
12.70
[.500 in]
6.60
[.260 in]
3.81
[.150 in]
10.16
[.400 in]
4.45
[.175 in]
n1.85
[.073 in]


Similar Part No. - T507005

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T507000 E-SWITCH-T507000 Datasheet
71Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T507001 E-SWITCH-T507001 Datasheet
70Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T507002 E-SWITCH-T507002 Datasheet
70Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T507003 E-SWITCH-T507003 Datasheet
65Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T507004 E-SWITCH-T507004 Datasheet
72Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T507005

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com