Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B30B-XADSS-N-A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B30B-XADSS-N-A
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B30B-XADSS-N-A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B30B-XADSS-N-A Datasheet HTML 1Page - List of Unclassifed Manufacturers B30B-XADSS-N-A Datasheet HTML 2Page - List of Unclassifed Manufacturers B30B-XADSS-N-A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XAD CONNECTOR
Contact
6.5
3.1
1.3
1.6
Applicable wire
Model No.
mm2
AWG#
Insulation O.D. (mm)
Q'ty / reel
SXA-01T-P0.6
SXA-001T-P0.6
SXA-001T-P0.6L
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
24∼20
28∼22
26∼22
1.5∼1.9
0.8∼1.9
1.3∼1.7
8,000
8,000
8,000
0.22∼0.5 
0.08∼0.33
0.13∼0.33
Contact
Crimping
Applicator
machine Crimp applicator
Dies
Crimp applicator with dies
Note:*Strip-crimp applicator
SXA-001T-P0.6
MKS-L
MK/SXA/M-001-06 APLMK SXA/M001-06
*MKS-SC
SC/SXA/M-001-06 APLSC SXA/M001-06
SXA-001T-P0.6L
MKS-L
MK/SXA-001-06L APLMK SXA001-06L
*MKS-SC
SC/SXA-001-06L
APLSC SXA001-06L
Contact
Crimping
Applicator
machine Crimp applicator
Dies
Crimp applicator with dies
SXA-01T-P0.6
AP-K2N
MKS-L
MK/SXA/M-01-06 APLMK SXA/M01-06
*MKS-SC
SC/SXA/M-01-06 APLMC SXA/M01-06
Housing
Circuits
Model No.
Dimensions (mm)
AB
Material
PA 66, UL94V-0, natural (white)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
40
XADRP-08V
XADRP-10V
XADRP-12V
XADRP-14V
XADRP-16V
XADRP-18V
XADRP-20V
XADRP-22V
XADRP-24V
XADRP-26V
XADRP-28V
XADRP-30V
XADRP-32V
XADRP-34V
XADRP-36V
XADRP-40V
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
47.5
14.7
17.2
19.7
22.2
24.7
27.2
29.7
32.2
34.7
37.2
39.7
42.2
44.7
47.2
49.7
54.7
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
250
250
Q'ty / bag
H JST 12
2.5
3.6
A
B
Circuit No.1
mark
11.4
2.5
3.6
A
B
Circuit No.1 mark
11.4
H JST 30
(8 to 16 circuits)
(18 to 40 circuits)
RoHS compliance
Note: Contact JST if retainers are required.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
XADRP-08V-oo-
(blank)…natural (white)
K…black R…red E…blue O…orange M…green
L…lemon yellow PK…pink
RoHS compliance
Note: 1. SXA-001T-P0.6L is low-insertion force type contact, for easier
insertion/withdrawal, which would be less resistant to the vibration.
The crimp height is different from the standard contact.
2. Contact JST for gold-plated products.
AP-K2N
54


Similar Part No. - B30B-XADSS-N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B30B-XADSS-N-A ETC2-B30B-XADSS-N-A Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B30B-XADSS-N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com