Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32B-XADSS-N-A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B32B-XADSS-N-A
Description  2.5mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B32B-XADSS-N-A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B32B-XADSS-N-A Datasheet HTML 1Page - List of Unclassifed Manufacturers B32B-XADSS-N-A Datasheet HTML 2Page - List of Unclassifed Manufacturers B32B-XADSS-N-A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
XAD CONNECTOR
Shrouded header
Circuits
Dimensions (mm)
Model No.
Top entry type
Side entry type
A
Without a boss
With a boss
B
Top
entry
type
Side
entry
type
Material and Finish
Pin: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (white)
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
40
B08B-XADSS-N
B10B-XADSS-N
B12B-XADSS-N
B14B-XADSS-N
B16B-XADSS-N
B18B-XADSS-N
B20B-XADSS-N
B22B-XADSS-N
B24B-XADSS-N
B26B-XADSS-N
B28B-XADSS-N
B30B-XADSS-N
B32B-XADSS-N
B34B-XADSS-N
B36B-XADSS-N
B40B-XADSS-N
B08B-XADSS-N-A
B10B-XADSS-N-A
B12B-XADSS-N-A
B14B-XADSS-N-A
B16B-XADSS-N-A
B18B-XADSS-N-A
B20B-XADSS-N-A
B22B-XADSS-N-A
B24B-XADSS-N-A
B26B-XADSS-N-A
B28B-XADSS-N-A
B30B-XADSS-N-A
B32B-XADSS-N-A
B34B-XADSS-N-A
B36B-XADSS-N-A
B40B-XADSS-N-A
S08B-XADSS-N
S10B-XADSS-N
S12B-XADSS-N
S14B-XADSS-N
S16B-XADSS-N
S18B-XADSS-N
S20B-XADSS-N
S26B-XADSS-N
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
47.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
42.5
45.0
47.5
50.0
55.0
200
200
200
150
150
150
100
100
100
100
100
50
50
50
50
50
270
234
198
180
162
144
126
108
Q'ty / box
H
JST 12
2.5
2.5
A
B
10.1
Circuit No.1
Mark
φ0.6
1.7
φ0.9
1.8
Circuit No.1
Mark
2.5
A
B
φ0.6
H JST 22
1.7
2.5
10.1
φ0.9
1.8
2.5
2.5
9.9
(3.4)
12.1
3.5
A
B
A
B
2.5
2.5
9.9
(3.4)
12.1
3.5
(18 to 40 circuits)
Top entry type
(8 to 16 circuits)
(18 to 26 circuits)
Side entry type
(8 to 16 circuits)
RoHS compliance This product displays (LF)(SN) on a label.
Note: Contact JST for the headers with gold-plated pins.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B08B-XADSS-N-
S…natural (white)
K…black R…red E…blue O…orange M…green
L…lemon yellow PK…pink
55


Similar Part No. - B32B-XADSS-N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B32B-XADSS-N-A ETC2-B32B-XADSS-N-A Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B32B-XADSS-N-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-03-S ETC2-HRP-03-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SEH-001T-P0.6 JST-SEH-001T-P0.6 Datasheet
169Kb / 4P
   2.5mm pitch/Disconnectable Crimp style connectors
XH-CONNECTOR JST-XH-CONNECTOR Datasheet
271Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B06B-XASK-1 ETC2-B06B-XASK-1 Datasheet
239Kb / 6P
   2.5mm pitch/Disconnectable Crimp style connectors
B08B-XADSS-N ETC2-B08B-XADSS-N Datasheet
157Kb / 3P
   2.5mm pitch/Disconnectable Crimp style connectors
HRP-06-S ETC2-HRP-06-S Datasheet
133Kb / 2P
   2.5mm pitch/Disconnectable Crimp style connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com