Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC165 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74HC165
Description  Parallel-load 8-bit Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC165 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC165 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74HC165
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
5
4
MHz
frequency
4.5
27
21
6.0
32
25
Propagation delay t
PLH
2.0
150 —
190
ns
Clock to Q
H or QH
time
t
PHL
4.5
21
30
38
6.0
26
33
2.0
160 —
200
Shift/Load to Q
H or QH
4.5
23
32
40
6.0
27
34
2.0
150 —
190
H to Q
H or QH
4.5
21
30
38
6.0
26
33
Setup time
t
su
2.0
100 —
125
ns
Parallel data inputs to
4.5
20
–3
25
Shift/Load
6.0
17
21
2.0
100 —
125
Sherial input to Clock
4.5
20
3
25
6.0
17
21
2.0
100 —
125
Shift/load to Clock
4.5
20
25
6.0
17
21
Removal time
t
rem
2.0
100 —
125
ns
Clock to Clock inhibit or
4.5
20
6
25
Clock inhibit to Clock
6.0
17
21
Hold time
t
h
2.0
5
5
ns
Shift/Load to parallel data input
4.5
5
–3
5
6.0
5
5
2.0
5
5
Clock to Serial data input
4.5
5
3
5
6.0
5
5
2.0
5
5
Clock to Shift/Load
4.5
5
5
6.0
5
5


Similar Part No. - HD74HC165

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC165 RENESAS-HD74HC165 Datasheet
94Kb / 8P
   Parallel-load 8-bit Shift Register
HD74HC165FPEL RENESAS-HD74HC165FPEL Datasheet
94Kb / 8P
   Parallel-load 8-bit Shift Register
HD74HC165FPEL RENESAS-HD74HC165FPEL Datasheet
115Kb / 10P
   Parallel-load 8-bit Shift Register
HD74HC165P RENESAS-HD74HC165P Datasheet
94Kb / 8P
   Parallel-load 8-bit Shift Register
HD74HC165P RENESAS-HD74HC165P Datasheet
115Kb / 10P
   Parallel-load 8-bit Shift Register
More results

Similar Description - HD74HC165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com