Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC165 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD74HC165
Description  Parallel-load 8-bit Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC165 Datasheet(HTML) 8 Page - Hitachi Semiconductor

  HD74HC165 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DN
Conforms
Conforms
0.15 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
16
9
1
8
0.15
0.25 M
9.9
0
° – 8°
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.42
± 0.08
0.635 Max
0.40
± 0.06
1.08


Similar Part No. - HD74HC165

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC165 RENESAS-HD74HC165 Datasheet
94Kb / 8P
   Parallel-load 8-bit Shift Register
HD74HC165FPEL RENESAS-HD74HC165FPEL Datasheet
94Kb / 8P
   Parallel-load 8-bit Shift Register
HD74HC165FPEL RENESAS-HD74HC165FPEL Datasheet
115Kb / 10P
   Parallel-load 8-bit Shift Register
HD74HC165P RENESAS-HD74HC165P Datasheet
94Kb / 8P
   Parallel-load 8-bit Shift Register
HD74HC165P RENESAS-HD74HC165P Datasheet
115Kb / 10P
   Parallel-load 8-bit Shift Register
More results

Similar Description - HD74HC165

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com