Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y92S-27 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # Y92S-27
Description  DIN 48 x 48-mm Multifunctional Timer Series
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Y92S-27 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button Y92S-27 Datasheet HTML 5Page - Omron Electronics LLC Y92S-27 Datasheet HTML 6Page - Omron Electronics LLC Y92S-27 Datasheet HTML 7Page - Omron Electronics LLC Y92S-27 Datasheet HTML 8Page - Omron Electronics LLC Y92S-27 Datasheet HTML 9Page - Omron Electronics LLC Y92S-27 Datasheet HTML 10Page - Omron Electronics LLC Y92S-27 Datasheet HTML 11Page - Omron Electronics LLC Y92S-27 Datasheet HTML 12Page - Omron Electronics LLC Y92S-27 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
H3CR-A
9
■ I/O Functions
Note: H3CR-AP incorporates start input only.
Models H3CR-A8/-A8E/-A8S/-A8-301 do not have an input function.
Inputs (for -A/
-AS models)
Start
Starts time-measurement.
Reset
Interrupts time-measurement and resets time-measurement value. Timing operation is stopped and the
control output turns OFF (it is reset).
Gate
The timing operation is interrupted while the gate input is active.
Outputs
Control output
Outputs are turned ON according to designated output mode when preset value is reached.
H3CR-A8/-A8S/A8-301
AC (DC) input
Output circuit
Power supply
circuit
Zero setting
detection
circuit
Oscillation
circuit
Counting
circuit
Time range/
unit selectors
Operating
mode selector
Indicator
circuit
Power-ON
indicator
Output-ON
indicator
H3CR-A8E
AC (DC) input
Output circuit
Power supply
circuit
Zero setting
detection
circuit
Oscillation
circuit
Counting
circuit
Time range/
unit selectors
Operating
mode selector
Indicator
circuit
Power-ON
indicator
Output-ON
indicator
Instantaneous
output circuit


Similar Part No. - Y92S-27

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Y92S-27 OMRON-Y92S-27 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
More results

Similar Description - Y92S-27

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
   Harmony, Setting protective cover for timing relay 48 x 48 mm
logo
Nais(Matsushita Electri...
TH40 NAIS-TH40 Datasheet
42Kb / 2P
   CONTAORE MISURA DIN 48
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
   288 X 96 mm 5 mm 48 X 16 Dots
logo
Adlink Technology Inc.
CPCI-7248 ADLINK-CPCI-7248 Datasheet
297Kb / 1P
   48-CH DIO & Timer/Counter Cards
logo
List of Unclassifed Man...
CPCI-7248 ETC2-CPCI-7248 Datasheet
297Kb / 1P
   48-CH DIO & Timer/Counter Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com