Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE650R279A-T1 Datasheet(PDF) 8 Page - NEC

Part # NE650R279A-T1
Description  0.2 W L, S-BAND POWER GaAs MES FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE650R279A-T1 Datasheet(HTML) 8 Page - NEC

  NE650R279A-T1 Datasheet HTML 1Page - NEC NE650R279A-T1 Datasheet HTML 2Page - NEC NE650R279A-T1 Datasheet HTML 3Page - NEC NE650R279A-T1 Datasheet HTML 4Page - NEC NE650R279A-T1 Datasheet HTML 5Page - NEC NE650R279A-T1 Datasheet HTML 6Page - NEC NE650R279A-T1 Datasheet HTML 7Page - NEC NE650R279A-T1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NE650R279A
Caution
The Great Care must be taken in dealing with the devices in this guide.
The reason is that the material of the devices is GaAs (Gallium Arsenide), which is
designated as harmful substance according to the law concerned.
Keep the law concerned and so on, especially in case of removal.
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
No part of this document may be copied or reproduced in any form or by any means without the prior written
consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this
document.
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual
property rights of third parties by or arising from use of a device described herein or any other liability arising
from use of such device. No license, either express, implied or otherwise, is granted under any patents,
copyrights or other intellectual property rights of NEC Corporation or others.
While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices,
the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or
property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety
measures in its design, such as redundancy, fire-containment, and anti-failure features.
NEC devices are classified into the following three quality grades:
"Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on
a customer designated "quality assurance program" for a specific application. The recommended applications
of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each
device before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment and industrial robots
Special:
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed
for life support)
Specific:
Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life
support systems or medical equipment for life support, etc.
The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality grade,
they should contact an NEC sales representative in advance.
Anti-radioactive design is not implemented in this product.
M4 96. 5


Similar Part No. - NE650R279A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE650R279A-T1 RENESAS-NE650R279A-T1 Datasheet
212Kb / 10P
   N-CHANNEL GaAs MES FET
1998
More results

Similar Description - NE650R279A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
   0.4 W L, S-BAND POWER GaAs MES FET
NE960R2 NEC-NE960R2 Datasheet
62Kb / 12P
   0.2 W X, Ku-BAND POWER GaAs MES FET
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
   140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
   45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
   30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
   50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com