Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE4123F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQE4123F
Description  Metallized Polyester Film Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE4123F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQE4123F Datasheet HTML 1Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 2Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 3Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 4Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 5Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 6Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 7Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 8Page - Panasonic Semiconductor ECQE4123F Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 250 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Style N, Style D: 0.010 µF to 0.33 µF
Style T, Style B: 0.39 µF to 10.0 µF
0.56
12.0
5.5
10.9
15.9
10.0
10.0
1.0
0.60
0.68
12.0
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.82
12.0
6.0
13.5
18.5
10.0
10.0
1.0
0.60
1.0
12.0
6.7
14.0
19.0
10.0
10.0
1.0
0.60
1.2
18.5
5.5
12.8
17.8
15.0
10.0
1.0
0.60
1.5
18.5
6.0
13.4
18.4
15.0
10.0
1.0
0.80
1.8
18.5
6.5
14.4
19.4
15.0
10.0
1.0
0.80
2.2
18.5
7.0
15.0
20.0
15.0
10.0
1.0
0.80
2.7
18.5
8.0
15.8
20.8
15.0
10.0
1.0
0.80
3.3
18.5
8.5
16.5
21.5
15.0
10.0
1.0
0.80
3.9
26.0
7.0
16.4
21.4
22.5
15.0
1.0
0.80
4.7
26.0
7.5
17.0
22.0
22.5
15.0
1.0
0.80
5.6
26.0
8.3
17.5
22.5
22.5
15.0
1.0
0.80
6.8
26.0
9.0
18.5
23.5
22.5
15.0
1.0
0.80
8.2
26.0
10.0
20.0
25.0
22.5
15.0
1.5
0.80
10.0
26.0
11.5
21.0
26.0
22.5
15.0
1.5
0.80
Part No
Cap.
(µF)
Quantity
500
——
Dimensions (mm)
L max.
T max.
FS
G max.
Straight Crimped lead Straight
Ammo Ammo Ammo
5 mm
5 mm
7.5 mm
ø d
H max.
Straight Crimped lead
ECQE1564MF(
)
ECQE1684MF(
)
ECQE1824MF(
)
ECQE1105MF(
)
ECQE1125MF(
)
ECQE1155MF(
)
ECQE1185MF(
)
ECQE1225MF(
)
ECQE1275MF(
)
ECQE1335MF(
)
ECQE1395MF(
)
ECQE1475MF(
)
ECQE1565MF(
)
ECQE1685MF(
)
ECQE1825MF(
)
ECQE1106MF(
)
500
1000
400
400
500
600
Style N, style D: 0.056 µF to 1.0 µF
Style T, style B: 1.2 µF to 10.0 µF
Suffix for lead crimped or taped type
Cap. tol. code
L
L
Suffix for lead crimped or taped type
Cap. tol. code
L
L
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 100 VDC, Capacitance tolerance : ± 5 %(J), ±10 %(K)
Part No
Cap.
(µF)
Quantity
Dimensions (mm)
L max.
T max.
FS
G max.
Straight Crimped lead Straight
Ammo Ammo Ammo
5 mm
5 mm 7.5 mm
ø d
H max.
Straight Crimped lead
ECQE2103MF(
)
0.010
10.3
4.3
7.4
12.4
7.5
7.5
1.0
0.60
ECQE2123MF(
)
0.012
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2153MF(
)
0.015
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2183MF(
)
0.018
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2223MF(
)
0.022
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2273MF(
)
0.027
10.3
4.4
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2333MF(
)
0.033
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2393MF(
)
0.039
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2473MF(
)
0.047
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2563MF(
)
0.056
10.3
4.8
7.9
12.9
7.5
7.5
1.0
0.60
ECQE2683MF(
)
0.068
10.3
4.5
7.5
12.5
7.5
7.5
1.0
0.60
ECQE2823MF(
)
0.082
10.3
4.9
8.0
13.0
7.5
7.5
1.0
0.60
ECQE2104MF(
)
0.10
10.3
5.8
8.4
13.4
7.5
7.5
1.0
0.60
ECQE2124MF(
)
0.12
10.3
6.0
9.0
14.0
7.5
7.5
1.0
0.60
ECQE2154MF(
)
0.15
10.3
6.0
10.8
15.8
7.5
7.5
1.0
0.60
ECQE2184MF(
)
0.18
12.0
5.0
10.3
15.3
10.0
10.0
1.0
0.60
ECQE2224MF(
)
0.22
12.0
5.5
10.5
15.5
10.0
10.0
1.0
0.60
ECQE2274MF(
)
0.27
12.0
6.0
11.5
16.5
10.0
10.0
1.0
0.60
ECQE2334MF(
)
0.33
12.0
6.5
12.0
17.0
10.0
10.0
1.0
0.60
ECQE2394MF(
)
0.39
18.5
4.9
12.0
17.0
15.0
10.0
1.0
0.60
ECQE2474MF(
)
0.47
18.5
5.3
12.5
17.5
15.0
10.0
1.0
0.60
ECQE2564MF(
)
0.56
18.5
5.5
13.0
18.0
15.0
10.0
1.0
0.60
ECQE2684MF(
)
0.68
18.5
6.0
13.5
18.5
15.0
10.0
1.0
0.80
ECQE2824MF(
)
0.82
18.5
6.5
14.5
19.5
15.0
10.0
1.0
0.80
ECQE2105MF(
)
1.0
18.5
7.4
15.0
20.0
15.0
10.0
1.0
0.80
ECQE2125MF(
)
1.2
18.5
8.0
15.9
20.9
15.0
10.0
1.0
0.80
ECQE2155MF(
)
1.5
18.5
9.0
16.8
21.8
15.0
10.0
1.0
0.80
ECQE2185MF(
)
1.8
26.0
7.5
15.5
20.5
22.5
15.0
1.0
0.80
ECQE2225MF(
)
2.2
26.0
8.5
16.3
21.3
22.5
15.0
1.0
0.80
ECQE2275MF(
)
2.7
26.0
9.4
17.0
22.0
22.5
15.0
1.0
0.80
ECQE2335MF(
)
3.3
26.0
10.3
18.0
23.0
22.5
15.0
1.5
0.80
ECQE2395MF(
)
3.9
26.0
11.0
20.5
25.5
22.5
15.0
1.5
0.80
ECQE2475MF(
)
4.7
26.0
12.0
21.5
26.5
22.5
15.0
1.5
0.80
ECQE2565MF(
)
5.6
31.0
11.8
21.0
26.0
27.5
22.5
1.5
0.80
ECQE2685MF(
)
6.8
31.0
13.0
22.4
27.4
27.5
22.5
1.5
0.80
ECQE2825MF(
)
8.2
31.0
14.3
23.5
28.5
27.5
22.5
1.5
0.80
ECQE2106MF(
)
10.0
31.0
15.9
25.8
30.8
27.5
22.5
1.5
0.80
1000
1000
500
500
1000
400
500
400
300
——


Similar Part No. - ECQE4123F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE4123F PANASONIC-ECQE4123F Datasheet
345Kb / 19P
   Metallized polyester Film Capacitor
ECQE4123F PANASONIC-ECQE4123F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4123F PANASONIC-ECQE4123F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4123F PANASONIC-ECQE4123F Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE4123F PANASONIC-ECQE4123F Datasheet
173Kb / 9P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE4123F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com