Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC-A1A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # JC-A1A
Description  ENGINEERING DATA SHEET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JC-A1A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button JC-A1A Datasheet HTML 5Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 6Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 7Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 8Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 9Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 10Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 11Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 12Page - List of Unclassifed Manufacturers JC-A1A Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Application notes
N°007
SUPPRESSOR DEVICES FOR RELAY COILS
The inductive nature of relay coils allows them to create magnetic forces which are converted to mechanical movements to
operate contact systems. When voltage is applied to a coil, the resulting current generates a magnetic flux, creating
mechanical work. Upon deenergizing the coil, the collapasing magnetic field induces a reverse voltage (also known as back
EMF) which tends to maintain current flow in the coil. The induced voltage level mainly depends on the duration of the
deenergization. The faster the switch-off, the higher the induced voltage.
All coil suppression networks are based on a reduction of speed of current decay. This reduction may also slow down the
opening of contacts, adversly effecting contact life and reliability. Therefore, it is very important to have a clear understanding
of these phenomena when designing a coil suppression circuitry.
Typical coil characteristics
On the graph below, the upper record shows the contacts state. (High level NO contacts closed, low level NC contacts closed,
intermediate state contact transfer). The lower record shows the voltage across the coil when the current is switched off by
another relay contact.
The surge voltage is limited to -300V by the arc generated across contact poles. Discharge duration is about 200
mircoseconds after which the current change does not generate sufficient voltage. The voltage decreases to the point where
the contacts start to move, at this time, the voltage increases due to the energy contained in the NO contact springs. The
voltage decreases again during transfer, and increases once more when the magnetic circuit is closed on permanent magnet.
Operating times are as follows:
Time to start the movement 1.5ms
Total motion time 2.3ms
Transfer time 1.4ms
Contact State
Date of issue: 6/00
- 8 -
Page 1 of 4


Similar Part No. - JC-A1A

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
JC-0109-19 JAM-JC-0109-19 Datasheet
43Kb / 1P
   JB terminal JB Terminal S type S-Type
17.7.21
JC-0109-20 JAM-JC-0109-20 Datasheet
33Kb / 1P
   JB terminal JB Terminal L type L-Type
02.12.17
JC-0118-18 JAM-JC-0118-18 Datasheet
36Kb / 1P
   JC Terminal S-Type
JC-0118-19 JAM-JC-0118-19 Datasheet
38Kb / 1P
   JC Terminal L-Type
JC-0622-067 JAM-JC-0622-067 Datasheet
35Kb / 1P
   Pin Contact Pin Contact
13.09.10
More results

Similar Description - JC-A1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA-210-0923M ETC2-FCA-210-0923M Datasheet
44Kb / 1P
   ENGINEERING DATA SHEET
405A ETC2-405A Datasheet
68Kb / 4P
   Transmission Engineering Data
AB46 ETC2-AB46 Datasheet
125Kb / 6P
   Transmission Engineering Data
6AZ8 ETC-6AZ8 Datasheet
581Kb / 9P
   engineering data service
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com