Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L297D013TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L297D013TR
Description  STEPPER MOTOR CONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L297D013TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L297D013TR Datasheet HTML 3Page - STMicroelectronics L297D013TR Datasheet HTML 4Page - STMicroelectronics L297D013TR Datasheet HTML 5Page - STMicroelectronics L297D013TR Datasheet HTML 6Page - STMicroelectronics L297D013TR Datasheet HTML 7Page - STMicroelectronics L297D013TR Datasheet HTML 8Page - STMicroelectronics L297D013TR Datasheet HTML 9Page - STMicroelectronics L297D013TR Datasheet HTML 10Page - STMicroelectronics L297D013TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
Ileak
Leakage current (pin 3)
VCE = 7 V
1
µA
Vsat
Saturation voltage (pin 3)
I = 5 mA
0.4
V
Voff
Comparators offset voltage
(pins 13, 14, 15)
Vref = 1 V
5mV
Io
Comparator bias current
(pins 13, 14, 15)
-100
10
µA
Vref
Input reference voltage (pin 15)
0
3
V
tCLK
Clock time
0.5
µs
tS
Set up time
1
µs
tH
Hold time
4
µs
tR
Reset time
1
µs
tRCLK
Reset to clock delay
1
µs
ELECTRICAL CHARACTERISTICS (continued)
Figure 1.
7/11
L297


Similar Part No. - L297D013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L297D STMICROELECTRONICS-L297D Datasheet
102Kb / 11P
   STEPPER MOTOR CONTROLLERS
More results

Similar Description - L297D013TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L297 STMICROELECTRONICS-L297 Datasheet
102Kb / 11P
   STEPPER MOTOR CONTROLLERS
GS-C200 STMICROELECTRONICS-GS-C200 Datasheet
314Kb / 31P
   INTELLIGENT STEPPER MOTOR CONTROLLERS
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
   STEPPER MOTOR
logo
Festo Corporation.
EMMS-ST-42-S-SEB-G2 FESTO-EMMS-ST-42-S-SEB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-28-L-SE FESTO-EMMS-ST-28-L-SE Datasheet
73Kb / 1P
   Stepper motor
EMMS-ST-42-S-SB-G2 FESTO-EMMS-ST-42-S-SB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-57-S-SB-G2 FESTO-EMMS-ST-57-S-SB-G2 Datasheet
80Kb / 1P
   Stepper motor
EMMS-ST-87-M-SB-G2 FESTO-EMMS-ST-87-M-SB-G2 Datasheet
81Kb / 1P
   Stepper motor
logo
STEPPERONLINE
17HS15-1684S-HG10 STEPPERONLINE-17HS15-1684S-HG10 Datasheet
137Kb / 1P
   STEPPER MOTOR
17HS24-2104S-PG5 STEPPERONLINE-17HS24-2104S-PG5 Datasheet
144Kb / 1P
   STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com