Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC273 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC273
Description  Octal D-type Flip-Flops (with Clear)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC273 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC273 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC273 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC273
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
6
5
MHz
frequency
4.5
30
24
6.0
35
28
Propagation delay t
PHL
2.0
145 —
180
ns
Clock to Q
time
4.5
18
29
36
6.0
25
31
t
PLH
2.0
145 —
180
ns
4.5
18
29
36
6.0
25
31
t
PHL
2.0
145 —
180
ns
Clear to Q
4.5
15
29
36
6.0
25
31
Setup time
t
su
2.0
100 —
125
ns
Data to clock
4.5
20
2
25
6.0
17
21
Hold time
t
h
2.0
5
5
ns
Clock to data
4.5
5
0
5
6.0
5
5
Removal time
t
rem
2.0
100 —
125
ns
Clear to clock
4.5
20
–1
25
6.0
17
21
Pulse width
t
w
2.0
80
100
ns
Clock, clear
4.5
16
8
20
6.0
14
17
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC273

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
HD74HC273FPEL RENESAS-HD74HC273FPEL Datasheet
152Kb / 10P
   Octal D-type Flip-Flops (with Clear)
HD74HC273P RENESAS-HD74HC273P Datasheet
152Kb / 10P
   Octal D-type Flip-Flops (with Clear)
HD74HC273RPEL RENESAS-HD74HC273RPEL Datasheet
152Kb / 10P
   Octal D-type Flip-Flops (with Clear)
HD74HC273TELL RENESAS-HD74HC273TELL Datasheet
152Kb / 10P
   Octal D-type Flip-Flops (with Clear)
More results

Similar Description - HD74HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com