Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC280 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74HC280
Description  9-bit Odd/Even Parity Generator/Checker
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC280 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC280 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC280 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC280 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC280 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC280 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC280 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC280 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD74HC280
9-bit Odd/Even Parity Generator/Checker
Description
This parity generator/checker features odd/even outputs to facilitate operation of either odd or even parity
applications. The word length capability is easily expanded by cascading devices.
Features
• High Speed Operation: t
pd (Data to
Even or Odd) = 22 ns typ (C
L = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
Outputs
Number of inputs A through I that are high
∑ Even
∑ Odd
0, 2, 4, 6, 8
H
L
1, 3, 5, 7, 9
L
H


Similar Part No. - HD74HC280

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74HC280FPEL RENESAS-HD74HC280FPEL Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74HC280P RENESAS-HD74HC280P Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
More results

Similar Description - HD74HC280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
   9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
   9-bit Odd / Even Parity Generator / Checker
logo
NXP Semiconductors
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
   9-bit odd/even parity generator/checker
December 1990
74F280B PHILIPS-74F280B Datasheet
106Kb / 8P
   9-bit odd/even parity generator/checker
1996 Mar 12
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
CD54AC280 TI-CD54AC280_07 Datasheet
404Kb / 12P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
   9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
   9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com