Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC30 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74HC30
Description  8-input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC30 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC30 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC30 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC30 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC30 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC30 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC30 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC30 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC30 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC30
8-input NAND Gate
Features
• High Speed Operation: t
pd = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
Pin Arrangement
1
2
3
4
5
6
7
A
B
C
D
E
F
GND
VCC
NC
H
G
NC
NC
Y
14
13
12
11
10
9
8
(Top view)


Similar Part No. - HD74HC30

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC30 RENESAS-HD74HC30 Datasheet
91Kb / 7P
   8-input NAND Gates
HD74HC30FPEL RENESAS-HD74HC30FPEL Datasheet
91Kb / 7P
   8-input NAND Gates
HD74HC30P RENESAS-HD74HC30P Datasheet
91Kb / 7P
   8-input NAND Gates
HD74HC30RPEL RENESAS-HD74HC30RPEL Datasheet
91Kb / 7P
   8-input NAND Gates
HD74HC30TELL RENESAS-HD74HC30TELL Datasheet
91Kb / 7P
   8-input NAND Gates
More results

Similar Description - HD74HC30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com