Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC356 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74HC356
Description  8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC356 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74HC356 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-20N
Conforms
1.26 g
Unit: mm
7.62
0.25
+ 0.11
– 0.05
2.54
± 0.25
0.48
± 0.10
24.50
25.40 Max
0.89
1.30
1
10
11
20
0
° – 15°
1.27 Max


Similar Part No. - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356FPEL RENESAS-HD74HC356FPEL Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356RPEL RENESAS-HD74HC356RPEL Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
More results

Similar Description - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
   8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD54HC354 TI-CD54HC354_07 Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC354 RENESAS-HD74HC354 Datasheet
122Kb / 10P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Texas Instruments
SN54HC354 TI-SN54HC354 Datasheet
143Kb / 7P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/TRANSPARENT REGISTERS WITH 3-STATE OUTPUTS
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com