Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC20-221K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # APC20-221K-RC
Description  Axial Power Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

APC20-221K-RC Datasheet(HTML) 1 Page - Allied Components International

  APC20-221K-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APC20-3R9K-RC
3.9
10
0.019
7.30
1.280
APC20-4R7K-RC
4.7
10
0.022
6.30
1.280
APC20-5R6K-RC
5.6
10
0.024
5.60
1.280
APC20-6R8K-RC
6.8
10
0.026
5.30
1.280
APC20-8R2K-RC
8.2
10
0.028
4.50
1.280
APC20-100K-RC
10
10
0.033
4.10
1.280
APC20-120K-RC
12
10
0.037
3.60
1.280
APC20-150K-RC
15
10
0.040
3.30
1.280
APC20-180K-RC
18
10
0.044
3.00
1.280
APC20-220K-RC
22
10
0.050
2.70
1.280
APC20-270K-RC
27
10
0.056
2.50
1.280
APC20-330K-RC
33
10
0.076
2.20
1.008
APC20-390K-RC
39
10
0.094
2.00
0.804
APC20-470K-RC
47
10
0.109
1.80
0.804
APC20-560K-RC
56
10
0.140
1.70
0.804
APC20-680K-RC
68
10
0.131
1.50
0.804
APC20-820K-RC
82
10
0.152
1.40
0.804
APC20-101K-RC
100
10
0.208
1.20
0.632
APC20-121K-RC
120
10
0.283
1.10
0.508
APC20-151K-RC
150
10
0.340
1.00
0.508
APC20-181K-RC
180
10
0.362
0.95
0.508
APC20-221K-RC
220
10
0.430
0.86
0.508
APC20-271K-RC
270
10
0.557
0.77
0.400
APC20-331K-RC
330
10
0.665
0.70
0.400
APC20-391K-RC
390
10
0.772
0.64
0.400
APC20-471K-RC
470
10
1.15
0.59
0.315
APC20-561K-RC
560
10
1.27
0.54
0.315
APC20-681K-RC
680
10
1.61
0.49
0.250
APC20-821K-RC
820
10
1.96
0.44
0.200
APC20-102K-RC
1000
10
2.30
0.40
0.200
APC20-122K-RC
1200
10
2.65
0.35
0.200
APC20-152K-RC
1500
10
3.45
0.33
0.158
APC20-182K-RC
1800
10
4.03
0.29
0.158
APC20-222K-RC
2200
10
4.48
0.27
0.158
APC20-272K-RC
2700
10
5.40
0.24
0.125
APC20-332K-RC
3300
10
6.56
0.22
0.125
APC20-392K-RC
3900
10
8.63
0.20
0.100
APC20-472K-RC
4700
10
9.66
0.18
0.100
APC20-562K-RC
5600
10
13.9
0.166
0.082
APC20-682K-RC
6800
10
16.3
0.151
0.082
APC20-822K-RC
8200
10
20.8
0.136
0.065
APC20-103K-RC
10000
10
26.4
0.125
0.050
APC20-123K-RC
12000
10
29.9
0.110
0.050
APC20-153K-RC
15000
10
42.5
0.098
0.039
APC20-183K-RC
18000
10
48.3
0.091
0.039
Features
• Axial pre-tinned leads.
• Protected with UL shrink tubing.
• Non standard values and tolerances
available.
• High saturation core material used for
high inductance and low DCR.
Electrical
Inductance: Measured at 1KHz with no
DC current.
Tolerance: 10% over entire inductance
range. Available in tighter tolerances.
Physical
Packaging: 200 pieces per bag.
Allied
Part
Number
Rated
Current
(A)
Inductance
(µh)
Tolerance
(%)
Saturation
Current
(A)
DCR
Max.
(Ω)
All specifications subject to change without notice.
APC20 Axial Power Chokes
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.60
(15.24)
0.29
(7.36)
1.15
(29)
20 AWG
NOMINAL
NOMINAL
Dimensions:
Inches
(mm)
1.15
(29)
Test Procedures: L measured on CH-100
@ 1KHz DCR measured on CH-301.
Current Rating: Based on Inductance drop
of < 10% of Initial value.
Operating Temp: -55ºC to +125ºC
500 pieces per tape & reel
Marking: EIA Inductance Code.
REVISED 09/23/10
For Tape and Reel packaging please
add ”-TR” to the part number.


Similar Part No. - APC20-221K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC20-221K-RC ALLIED-APC20-221K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
APC20-221K-RC ALLIED-APC20-221K-RC Datasheet
822Kb / 1P
   Axial Power Chokes
More results

Similar Description - APC20-221K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
APC30-3R9K-RC ALLIED-APC30-3R9K-RC_10 Datasheet
744Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC_10 Datasheet
822Kb / 1P
   Axial Power Chokes
APC30 ALLIED-APC30 Datasheet
742Kb / 1P
   Axial Power Chokes
APC40 ALLIED-APC40 Datasheet
384Kb / 1P
   Axial Power Chokes
APC30-3R9K-RC ALLIED-APC30-3R9K-RC Datasheet
738Kb / 1P
   Axial Power Chokes
APC20-3R9K-RC ALLIED-APC20-3R9K-RC Datasheet
817Kb / 1P
   Axial Power Chokes
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
logo
Allied Components Inter...
AMPC20 ALLIED-AMPC20 Datasheet
743Kb / 1P
   Axial Molded Power Chokes
AMPC24 ALLIED-AMPC24 Datasheet
605Kb / 2P
   Axial Molded Power Chokes
logo
Central Technologies
CTH8VF CT-CTH8VF Datasheet
172Kb / 1P
   Power Line Chokes - Axial
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com