Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20-3R9K-RC Datasheet(PDF) 1 Page - Allied Components International

Part # AM20-3R9K-RC
Description  Axial Molded Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AM20-3R9K-RC Datasheet(HTML) 1 Page - Allied Components International

  AM20-3R9K-RC Datasheet HTML 1Page - Allied Components International AM20-3R9K-RC Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Molded Inductors
AM20
Electrical
Inductance Range: .022
µh to 1000µh.
Tolerance: 10% over entire range.
Tighter tolerances available.
Rated Current: Based on Inductance
Drop <10ºC at rated current.
Test Procedures: L and Q measured
with HP4342A Q-Meter at specified
Frequency. DCR measured on
CH-301. SRF measured on HP-4191A,
HP4291B.
Dielectric Strength: 1000 Volts R.M.S.
at sea level.
Operating Temp.: -55
°C to +125°C.
Physical
Marking (on part): 5 Band Color Code
per MIL-C-15305.
Marking (on reel):
Manufacturers
Packaging (bulk): 1000 pieces per bag.
Packaging (reel): 5000 pieces per reel.
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Q
Min.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
DCR
Max.
(
Ω)
Rated
Current
(mA)
All specifications subject to change without notice.
AM20-R10K-RC
.10
10
40
25.0
680
.08
1350
AM20-R12K-RC
.12
10
40
25.0
640
.09
1270
AM20-R15K-RC
.15
10
38
25.0
600
.10
1200
AM20-R18K-RC
.18
10
35
25.0
550
.12
1105
AM20-R22K-RC
.22
10
33
25.0
510
.14
1025
AM20-R27K-RC
.27
10
33
25.0
430
.16
960
AM20-R33K-RC
.33
10
30
25.0
410
.22
815
AM20-R39K-RC
.39
10
30
25.0
365
.30
700
AM20-R47K-RC
.47
10
30
25.0
330
.35
650
AM20-R56K-RC
.56
10
30
25.0
300
.50
545
AM20-R68K-RC
.68
10
28
25.0
275
.60
495
AM20-R82K-RC
.82
10
28
25.0
250
.85
415
AM20-1R0K-RC
1.0
10
25
25.0
230
1.0
385
AM20-1R2K-RC
1.2
10
25
7.9
150
.18
590
AM20-1R5K-RC
1.5
10
28
7.9
140
.22
535
AM20-1R8K-RC
1.8
10
30
7.9
125
.30
455
AM20-2R2K-RC
2.2
10
30
7.9
115
.40
395
AM20-2R7K-RC
2.7
10
37
7.9
100
.55
355
AM20-3R3K-RC
3.3
10
45
7.9
90
.85
270
AM20-3R9K-RC
3.9
10
45
7.9
80
1.0
250
AM20-4R7K-RC
4.7
10
45
7.9
75
1.2
230
AM20-5R6K-RC
5.6
10
50
7.9
65
1.8
185
AM20-6R8K-RC
6.8
10
50
7.9
60
2.0
175
AM20-8R2K-RC
8.2
10
55
7.9
55
2.7
155
AM20-100K-RC
10
10
55
7.9
50
3.7
130
AM20-120K-RC
12
10
45
2.5
40
2.7
155
AM20-150K-RC
15
10
40
2.5
35
2.8
150
AM20-180K-RC
18
10
50
2.5
30
3.1
145
AM20-220K-RC
22
10
50
2.5
25
3.3
140
AM20-270K-RC
27
10
50
2.5
20
3.5
135
AM20-330K-RC
33
10
45
2.5
24
3.4
130
AM20-390K-RC
39
10
45
2.5
22
3.6
125
AM20-470K-RC
47
10
45
2.5
20
4.5
110
AM20-560K-RC
56
10
45
2.5
18
5.7
100
AM20-680K-RC
68
10
50
2.5
15
6.7
92
AM20-820K-RC
82
10
50
2.5
14
7.3
88
AM20-101K-RC
100
10
50
2.5
13
8.0
84
AM20-121K-RC
120
10
30
.79
12
13.0
66
AM20-151K-RC
150
10
30
.79
11
15.0
61
AM20-181K-RC
180
10
30
.79
10
17.0
57
AM20-221K-RC
220
10
30
.79
9
21.0
52
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
0.250±0.01
(6.35±0.25)
0.095±0.01
(2.41±0.25)
24 AWG
nominal
nominal
Dimensions:
Inches
(mm)
RoHS
1.15
(29)
1.15
(29)
Name, Part Number, Customers
Part Number, Invoice Number, Lot
or Data Code.
REVISED 10/20/10
For Tape and Reel packaging please
add ”-TR” to the part number.
PG 1 OF 2
Additional values on page 2
AM20-R022K-RC
10
50
50.0
900
0.025
2400
AM20-R027K-RC
0.027
10
40
25.0
875
0.030
2200
AM20-R033K-RC
0.033
10
40
25.0
850
0.035
2000
AM20-R039K-RC
0.039
10
40
25.0
825
0.040
AM20-R047K-RC
0.047
10
40
25.0
800
0.045
1800
AM20-R056K-RC
0.056
10
40
25.0
775
0.050
.
1700
AM20-R068K-RC
0.068
10
40
25.0
750
0.060
1500
AM20-R082K-RC
0.082
10
40
25.0
725
0.070
1400
0.022
1900


Similar Part No. - AM20-3R9K-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AM20-3R9K-RC ALLIED-AM20-3R9K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
AM20-3R9K-RC ALLIED-AM20-3R9K-RC Datasheet
548Kb / 2P
   Axial Molded Inductors
More results

Similar Description - AM20-3R9K-RC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM3F CT-CTM3F Datasheet
166Kb / 1P
   Molded Inductors - Axial
CTM1F CT-CTM1F Datasheet
197Kb / 1P
   Molded Inductors - Axial
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
   Molded Inductors - Axial
logo
Allied Components Inter...
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
   Axial Molded Inductors
logo
Central Technologies
CTM2F CT-CTM2F Datasheet
197Kb / 1P
   Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
   Axial Molded Inductors
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
   Molded Inductors - Axial
REV 01.25.18
logo
Allied Components Inter...
AM20-R022K-RC ALLIED-AM20-R022K-RC Datasheet
548Kb / 2P
   Axial Molded Inductors
AM30-R10M-RC ALLIED-AM30-R10M-RC_10 Datasheet
896Kb / 1P
   Axial Molded Inductors
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
   Axial Molded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com