Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4017 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74HC4017
Description  Decade Counter/Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC4017 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC4017 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC4017 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC4017 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC4017 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC4017 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC4017 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC4017 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC4017 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC4017
Decade Counter/Divider
Description
The HD74HC4017 is a 5-stage divide-by-10 Johnson counter with ten decoded outputs and a carry-out bit.
High-speed operation and spike-free outputs are obtained by use of the Johnson decade counter
configuration.
The ten decoded outputs are normally low and go high only at their respective decimal time periods. A
high signal on Reset R asynchronously clears the decade counter and sets the carry output and Y
0 high.
With
CE low, the count is advanced on a low-to-high transition at C input. Alternatively, if C is high, the
count is advanced on a high-to-low transition at
CE. Each decoded output remains high for one full clock
cycle. The carry output is high while Q
0, Q1, Q2, Q3 or Q4 is high, then is low while Q5, Q6, Q7, Q8 or Q9 is
high.
Features
• High Speed Operation
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)


Similar Part No. - HD74HC4017

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
   Decade Counter / Divider
HD74HC4017FPEL RENESAS-HD74HC4017FPEL Datasheet
116Kb / 11P
   Decade Counter / Divider
HD74HC4017P RENESAS-HD74HC4017P Datasheet
116Kb / 11P
   Decade Counter / Divider
HD74HC4017RPEL RENESAS-HD74HC4017RPEL Datasheet
116Kb / 11P
   Decade Counter / Divider
More results

Similar Description - HD74HC4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
logo
Texas Instruments
CD4017BC TI1-CD4017BC Datasheet
415Kb / 10P
[Old version datasheet]   Decade Counter/Divider
logo
Toshiba Semiconductor
TC74HC4017AP TOSHIBA-TC74HC4017AP Datasheet
245Kb / 5P
   DECADE COUNTER/DIVIDER
logo
STMicroelectronics
M54HC4017 STMICROELECTRONICS-M54HC4017 Datasheet
258Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
   DECADE COUNTER/DIVIDER
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
   Decade Counter / Divider
logo
Intersil Corporation
CD4033BMS INTERSIL-CD4033BMS Datasheet
122Kb / 11P
   CMOS Decade Counter/Divider
December 1992
logo
List of Unclassifed Man...
CD4017A ETC1-CD4017A Datasheet
274Kb / 4P
   CMOS Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com