Electronic Components Datasheet Search |
|
ECJ1VB1C563K Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECJ1VB1C563K Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 12 page – EC8 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) E 1 C 2 J 3 Z 4 E 5 B1 7 A 8 1 9 0 10 3 11 K 12 Packaging Style Code Rated Voltage Code Nominal Capacitance Size Code (Example) 6 Capacitance Tolerance Code Product Code (ECJ:Multilayer Ceramic Chip Capacitors) Temperature Characteristic Code 5 4 3 2 1 L T W L1 L2 Multilayer Ceramic Capacitors (For General Electronic Equipment) Series: ECJ ■ Recommended Applications ● Class 1 (T.C. Type) Tuned circuits, and filter circuitry, where low loss and high stability of capacitance and high insulation resistance is required ● Class 2 (Hi-K Type) Coupling and By-passing ■ Features ● Small size and wide capacitance range ● High humidity resistance and long life ● Excellent solderability and resistance to soldering heat ● Low inductance (ESL) and excellent frequency characteristics ● RoHS compliant ■ Explanation of Part Numbers ■ Packaging Specifications See Page 45, 46, 56 ■ Handling Precautions See Page 48 to 53 ■ Construction No Name 1 Ceramic dielectric 2 Internal electrode 3 Terminal electrode Substrate electrode 4 Intermediate electrode 5 External electrode ■ Dimensions in mm (not to scale) Size Code Size (EIA) L W T L1, L2 Z0201 0.60±0.03 0.30±0.03 0.30±0.03 0.15±0.05 00402 1.00±0.05 0.50±0.05 0.50±0.05 0.2±0.1 10603 1.6±0.1 0.8±0.1 0.8±0.1 0.3±0.2 20805 2.0±0.1 1.25±0.10 0.6±0.1 0.50±0.25 0.85±0.10 1.25±0.10 2.00±0.15 1.25±0.15 1.25±0.15 Sep. 2008 00 |
Similar Part No. - ECJ1VB1C563K |
|
Similar Description - ECJ1VB1C563K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |