Electronic Components Datasheet Search |
|
AP85U03GP-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp. |
|
AP85U03GP-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp. |
1 / 4 page Advanced Power N-CHANNEL ENHANCEMENT MODE Electronics Corp. POWER MOSFET ▼ Low On-resistance BVDSS 30V ▼ Simple Drive Requirement RDS(ON) 5mΩ ▼ Fast Switching Characteristic ID 80A ▼ RoHS Compliant & Halogen-Free Description □ Absolute Maximum Ratings Symbol Units VDS V VGS V ID@TC=25℃ A ID@TC=100℃ A IDM A PD@TC=25℃ W PD@TC=25℃ W EAS Single Pulse Avalanche Energy 4 mJ TSTG ℃ TJ ℃ Symbol Value Units Rthj-c Maximum Thermal Resistance, Junction-case 2.5 ℃ /W Rthj-a 62 ℃ /W Data & specifications subject to change without notice Thermal Data Parameter 28.8 201106091 1 Maximum Thermal Resistance, Junction-ambient Storage Temperature Range Operating Junction Temperature Range -55 to 175 -55 to 175 30 Total Power Dissipation Gate-Source Voltage +20 Continuous Drain Current 3, V GS @ 10V 80 Continuous Drain Current, VGS @ 10V 60 Pulsed Drain Current 1 220 Total Power Dissipation 2.42 AP85U03GP-HF 60 Halogen-Free Product Parameter Rating Drain-Source Voltage Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on- resistance and cost-effectiveness. The TO-220 package is widly preferred for commercial-industrial power applications and suited for low voltage applications such as DC/DC converters. G D S G D S TO-220(P) |
Similar Part No. - AP85U03GP-HF_14 |
|
Similar Description - AP85U03GP-HF_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |