Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC42 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74HC42
Description  BCD-to-Decimal Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC42 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HD74HC42 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC42 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74HC42

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC42 RENESAS-HD74HC42 Datasheet
97Kb / 7P
   BCD-to-Decimal Decoder
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Renesas Technology Corp
HD74HC423A RENESAS-HD74HC423A Datasheet
108Kb / 9P
   Dual Retriggerable Monostable Multivibrators
HD74HC423AFPEL RENESAS-HD74HC423AFPEL Datasheet
108Kb / 9P
   Dual Retriggerable Monostable Multivibrators
HD74HC423AP RENESAS-HD74HC423AP Datasheet
108Kb / 9P
   Dual Retriggerable Monostable Multivibrators
More results

Similar Description - HD74HC42

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
System Logic Semiconduc...
SL4028B SLS-SL4028B Datasheet
44Kb / 5P
   BCD-to-Decimal Decoder
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
   BCD-to-decimal decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com