Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3941HFP Datasheet(PDF) 4 Page - Rohm

Part # BD3941HFP
Description  Power Management LSI Series for Automotive Body Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3941HFP Datasheet(HTML) 4 Page - Rohm

  BD3941HFP Datasheet HTML 1Page - Rohm BD3941HFP Datasheet HTML 2Page - Rohm BD3941HFP Datasheet HTML 3Page - Rohm BD3941HFP Datasheet HTML 4Page - Rohm BD3941HFP Datasheet HTML 5Page - Rohm BD3941HFP Datasheet HTML 6Page - Rohm BD3941HFP Datasheet HTML 7Page - Rohm BD3941HFP Datasheet HTML 8Page - Rohm BD3941HFP Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4/8
Block diagram
Fig.13 TO252-3
Fig.14 HRP5
Fig.15 TO220FP-3
Cin : 0.33
µF to 1000 µF
Co : 0.1
µF to 1000 µF
Pin assignments
• TO252-3
Fig.16
• HRP5
Fig.17
• TO220FP-3
Fig.18
Pin No.
Pin No.
Function
1
Vcc
Power supply pin
2
N.C.
NC pin
3
Vo
Voltage output pin
Fin
GND
Ground pin
Pin No.
Pin No.
Function
1
Vcc
Power supply pin
2
N.C.
NC pin
3
GND
Ground pin
4
N.C.
NC pin
5
Vo
Voltage output pin
Fin
GND
Ground pin
Pin No.
Pin No.
Function
1
Vcc
Power supply pin
2
GND
Ground pin
3
Vo
Voltage output pin
1 2 3
FIN
1 2 3 4 5
FIN
12 3
Co
GND
Vcc
Vref
OCP
OVP
TSD
Vo
Fin
1
N.C
.
2
5
Cin
N.C
4
3
GND
Vcc
Vref
OCP
OVP
TSD
Vo
1
3
Cin
Co
Co
2
GND
Vcc
Vref
OCP
OVP
TSD
Vo
Fin
1
N.C
2
Cin
3


Similar Part No. - BD3941HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3941HFP ROHM-BD3941HFP Datasheet
340Kb / 6P
   Reference Voltage Regulator
BD3941HFP ROHM-BD3941HFP Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD3941HFP-TR ROHM-BD3941HFP-TR Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
More results

Similar Description - BD3941HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3941HFP-TR ROHM-BD3941HFP-TR Datasheet
669Kb / 9P
   Power Management LSI Series for Automotive Body Control
BD6941FM ROHM-BD6941FM_09 Datasheet
327Kb / 9P
   Power Management IC Series for Automotive Body Control Motor Driver
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
BD7185AGWL ROHM-BD7185AGWL Datasheet
1Mb / 79P
   Power Management LSI
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
BH6176GU ROHM-BH6176GU_11 Datasheet
177Kb / 5P
   Silicon Monolithic Integrated Circuit Power Management LSI for MultiMedia LSI on Cellular
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
   Automotive engine management control IC for small engines
November 2020 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com