Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63877EFV-E2 Datasheet(PDF) 6 Page - Rohm

Part # BD63877EFV-E2
Description  High Performance, High Reliability 36V Series Stepping Motor Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63877EFV-E2 Datasheet(HTML) 6 Page - Rohm

Back Button BD63877EFV-E2 Datasheet HTML 2Page - Rohm BD63877EFV-E2 Datasheet HTML 3Page - Rohm BD63877EFV-E2 Datasheet HTML 4Page - Rohm BD63877EFV-E2 Datasheet HTML 5Page - Rohm BD63877EFV-E2 Datasheet HTML 6Page - Rohm BD63877EFV-E2 Datasheet HTML 7Page - Rohm BD63877EFV-E2 Datasheet HTML 8Page - Rohm BD63877EFV-E2 Datasheet HTML 9Page - Rohm BD63877EFV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical Note
6/8
BD6387xEFV Series
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
○Over Current Protection (OCP)
This IC has a built in over current protection circuit as a provision against destruction when the motor outputs are
shorted each other or VCC-motor output or motor output-GND is shorted. This circuit latches the motor output to OPEN
condition when the regulated threshold current flows for 4
μs (Typ.). It returns with power reactivation or a reset of the
PS terminal. The over current protection circuit’s only aim is to prevent the destruction of the IC from irregular situations
such as motor output shorts, and is not meant to be used as protection or security for the set. Therefore, sets should
not be designed to take into account this circuit’s functions. After OCP operating, if irregular situations continues and
the return by power reactivation or a reset of the PS terminal is carried out repeatly, then OCP operates repeatly and
the IC may generate heat or otherwise deteriorate. When the L value of the wiring is great due to the wiring being long,
after the over current has flowed and the output terminal voltage jumps up and the absolute maximum values may be
exceeded and as a result, there is a possibility of destruction. Also, when current which is over the output current rating
and under the OCP detection current flows, the IC can heat up to over Tjmax=150℃ and can deteriorate, so current
which exceeds the output rating should not be applied.
○Under Voltage Lock Out (UVLO)
This IC has a built-in under voltage lock out function to prevent false operation such as IC output during power supply
under voltage. When the applied voltage to the VCC terminal goes under 15V (Typ.), the motor output is set to OPEN.
This switching voltage has a 1V (Typ.) hysteresis to prevent false operation by noise etc. Please be aware that this
circuit does not operate during power save mode. Also, the electrical angle is reset when the UVLO circuit operates
during CLK-IN drive mode.
○Over Voltage Lock Out (OVLO)
This IC has a built-in over voltage lock out function to protect the IC output and the motor during power supply over
voltage.
When the applied voltage to the VCC terminal goes over 32V (Typ.), the motor output is set to OPEN. This
switching voltage has a 1V (Typ.) hysteresis and a 4
μs (Typ.) mask time to prevent false operation by noise etc.
Although this over voltage locked out circuit is built-in, there is a possibility of destruction if the absolute maximum
value for power supply voltage is exceeded, therefore the absolute maximum value should not be exceeded. Please be
aware that this circuit does not operate during power save mode.
○Ghost Supply Prevention (protects against malfunction when power supply is disconnected)
If a signal (logic input, VREF, MTH) is input when there is no power supplied to this IC, there is a function which
prevents the false operation by voltage supplied via the electrostatic destruction prevention diode from these input
terminals to the VCC to this IC or to another IC’s power supply. Therefore, there is no malfunction of the circuit even
when voltage is supplied to these input terminals while there is no power supply.
●Usage Notes
(1) Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can
break down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If
any over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection devices,
such as fuses.
(2) Connecting the power supply connector backward
Connecting of the power supply in reverse polarity can damage IC. Take precautions when connecting the power supply
lines. An external direction diode can be added.
(3) Power supply Lines
Design PCB layout pattern to provide low impedance GND and supply lines. To obtain a low noise ground and supply line,
separate the ground section and supply lines of the digital and analog blocks. Furthermore, for all power supply terminals
to ICs, connect a capacitor between the power supply and the GND terminal. When applying electrolytic capacitors in the
circuit, not that capacitance characteristic values are reduced at low temperatures.
(4) GND Potential
The potential of GND pin must be minimum potential in all operating conditions.
(5) Metal on the backside (Define the side where product markings are printed as front)
The metal on the backside is shorted with the backside of IC chip therefore it should be connected to GND. Be aware that
there is a possibility of malfunction or destruction if it is shorted with any potential other than GND.
(6) Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
Users should be aware that these products have been designed to expose their frames at the back of the package, and
should be used with suitable heat dissipation treatment in this area to improve dissipation. As large a dissipation pattern
should be taken as possible, not only on the front of the baseboard but also on the back surface. It is important to
consider actual usage conditions and to take as large a dissipation pattern as possible.


Similar Part No. - BD63877EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63877EFV ROHM-BD63877EFV Datasheet
132Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD63877EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6383EFV ROHM-BD6383EFV_12 Datasheet
277Kb / 9P
   High Performance, High Reliability 36V Stepping Motor Driver Series
BD6385EFV-LB ROHM-BD6385EFV-LB Datasheet
576Kb / 12P
   High Performance, High Reliability 36V Stepping Motor Driver
BD62210AEFV ROHM-BD62210AEFV Datasheet
1Mb / 25P
   High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
BD62220AEFV ROHM-BD62220AEFV Datasheet
1Mb / 25P
   High Performance, High Reliability 36V 2ch DC Brush Motor Drivers
BD63801EFV ROHM-BD63801EFV_12 Datasheet
266Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63940EFV ROHM-BD63940EFV_12 Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6393FP-E2 ROHM-BD6393FP-E2 Datasheet
235Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6395FP-E2 ROHM-BD6395FP-E2 Datasheet
389Kb / 11P
   Standard 36V Stepping Motor Drivers
BD63843EFV ROHM-BD63843EFV_12 Datasheet
267Kb / 9P
   Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com