Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR5335S Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # BR5335S
Description  Single Color 5 Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

BR5335S Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  BR5335S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. BR5335S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
A
4.0
8.0
12.0
24.0
15.0
30.0
10.0
20.0
10.0
20.0
6.0
12.0
6.0
12.0
2.5
5.0
B
5.6
11.2
16.8
33.6
21.0
42.0
14.0
28.0
14.0
28.0
8.4
16.8
8.4
16.8
3.5
7.0
C
8.0
16.0
24.0
48.0
30.0
60.0
20.0
40.0
20.0
40.0
12.0
24.0
12.0
24.0
5.0
10.0
D
11.2
22.4
33.6
67.2
42.0
84.0
28.0
56.0
28.0
56.0
16.8
33.6
16.8
33.6
7.0
14.0
E
16.0
-
48.0
-
60.0
-
40.0
-
40.0
-
24.0
-
24.0
-
10.0
-
Please contact our sales staff concerning rank designation.
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
C
8.0
16.0
24.0
48.0
30.0
60.0
20.0
40.0
20.0
40.0
12.0
24.0
12.0
24.0
D
11.2
22.4
33.667.242.084.0
28.056.028.056.016.833.616.833.6
E
16.0
-
48.0
-
60.0
-
40.0
-
40.0
-
24.0
-
24.0
-
IF=20mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
IF=20mA
Rank
IV(mcd)
EBG
EPG
EPY
EAY
EAA
EVR
EBR
IF=20mA
IF=20mA
IV(mcd)
PR
IF=10mA
IF=20mA
IF=20mA
VR
IF=20mA
Rank
PG
PY
BR
BG
IF=20mA
IF=20mA
IF=20mA
AY
AA
Luminous Intensity Rank
Page 5
Single Color φ5 Round Shape Type
(Ta=25℃)
5335S Series
2012.11.14


Similar Part No. - BR5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BR5305S STANLEY-BR5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
logo
List of Unclassifed Man...
BR5307S ETC2-BR5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
BR5307S STANLEY-BR5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
BR5351K STANLEY-BR5351K Datasheet
403Kb / 33P
   Single Color Rectangular Shape Type
BR5352K STANLEY-BR5352K Datasheet
402Kb / 33P
   Single Color Rectangular Shape Type
More results

Similar Description - BR5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com