Electronic Components Datasheet Search |
|
ECJ2VF1H473Z Datasheet(PDF) 8 Page - Panasonic Semiconductor |
|
ECJ2VF1H473Z Datasheet(HTML) 8 Page - Panasonic Semiconductor |
8 / 12 page – EC15 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) Rated voltage DC 50 V DC 25 V DC 16 V DC 10 V DC 6.3 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. B X7R X5R B X7R X5R B X7R X5R B X7R X5R B X7R X5R 100 ±10 % (K) or ±20 % (M) ECJ0EB1H101 0.5 — 120 ECJ0EB1H121K 0.5 — 150 ECJ0EB1H151 0.5 — 180 ECJ0EB1H181K 0.5 — 220 ECJ0EB1H221 0.5 — 270 ECJ0EB1H271K 0.5 — 330 ECJ0EB1H331 0.5 — 390 ECJ0EB1H391K 0.5 — 470 ECJ0EB1H471 0.5 — 560 ECJ0EB1H561K 0.5 — 680 ECJ0EB1H681 0.5 — 820 ECJ0EB1H821K 0.5 — 1000 ECJ0EB1H102 0.5 — 1200 ECJ0EB1H122K 0.5 — 1500 ECJ0EB1H152 0.5 — 1800 ECJ0EB1H182K 0.5 — 2200 ECJ0EB1H222 0.5 — 2700 ECJ0EB1H272K 0.5 — 3300 ECJ0EB1H332 0.5 — 3900 ECJ0EB1H392K 0.5 — 4700 ECJ0EB1H472 0.5 — ECJ0EB1E472 0.5 — 5600 ECJ0EB1H562K 0.5 — ECJ0EB1E562K 0.5 — 6800 ECJ0EB1H682 0.5 — ECJ0EB1E682 0.5 — 8200 ECJ0EB1H822K 0.5 — ECJ0EB1E822K 0.5 — 10000 ECJ0EB1H103 0.5 — ECJ0EB1E103 0.5 — ECJ0EB1C103 0.5 — 12000 ECJ0EB1C123K 0.5 — 15000 ECJ0EB1C153 0.5 — 18000 ECJ0EB1C183K 0.5 — 22000 ECJ0EB1C223 0.5 — 27000 ECJ0EB1C273K 0.5 —— ECJ0EB1A273K 0.5 — 33000 ECJ0EB1C333 0.5 —— ECJ0EB1A333 0.5 — 39000 ECJ0EB1C393K 0.5 —— ECJ0EB1A393K 0.5 — 47000 ECJ0EB1C473 0.5 —— ECJ0EB1A473 0.5 — 56000 ECJ0EB1C563K 0.5 —— ECJ0EB1A563K 0.5 — 68000 ECJ0EB1C683 0.5 —— ECJ0EB1A683 0.5 — 82000 ECJ0EB1C823K 0.5 —— ECJ0EB1A823K 0.5 — 100000 ECJ0EB1C104 0.5 —— ECJ0EB1A104 0.5 — 220000 ECJ0EB1C224 0.5 —— ECJ0EB1A224 0.5 —— ECJ0EB0J224 0.5 —— 470000 ECJ0EB1C474 0.5 —— ECJ0EB1A474 0.5 —— ECJ0EB0J474 0.5 —— Rated voltage DC 50 V DC 25 V DC 16 V DC 10 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. F Y5V F Y5V F Y5V F Y5V 1000 +80, –20% (Z) ECJ0EF1H102Z 0.5 ECJ0EF1E102Z 0.5 2200 ECJ0EF1H222Z 0.5 ECJ0EF1E222Z 0.5 4700 ECJ0EF1H472Z 0.5 ECJ0EF1E472Z 0.5 10000 ECJ0EF1H103Z 0.5 ECJ0EF1E103Z 0.5 22000 ECJ0EF1E223Z 0.5 ECJ0EF1C223Z 0.5 47000 ECJ0EF1C473Z 0.5 100000 ECJ0EF1C104Z 0.5 220000 ECJ0EF1A224Z 0.5 ■ Standard Products for EIA “0402”, Taped Version ● Class 2 ◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R) Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel. Recommend soldering method: Reflow soldering. For capacitance 1 µF or more, see page 6 and 7 for High Capacitance. : Capacitance tolerance code : “ ” for “K” or “M” Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel. Recommend soldering method: Reflow soldering. For capacitance 1 µF or more, see page 6 and 7 for High Capacitance. ◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V) Sep. 2008 00 |
Similar Part No. - ECJ2VF1H473Z |
|
Similar Description - ECJ2VF1H473Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |