Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPYPY5335S Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # EPYPY5335S
Description  Single Color 5 Round Shape Type
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

EPYPY5335S Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  EPYPY5335S Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. EPYPY5335S Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Page 3
Absolute Maximum Ratings
Single Color φ5 Round Shape Type
1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
(Ta=25℃)
EBG/BG
EPG/PG
EPY/PY
EAY/AY
EAA/AA
EVR/VR
EBR/BR
PR
Power Dissipation
Pd
125
125
125
125
125
75
100
75
mW
Continuous
Forward Current
IF
50
50
50
50
50
30
50
30
mA
Repetitive Peak
Forward Current ※1
IFRM
100
100
100
100
100
100
300
100
mA
Derating
(Ta=25℃ or higher)
⊿IF
0.67
0.67
0.67
0.67
0.67
0.33
0.67
0.33
mA/℃
Reverse Voltage
VR
44
44
44
44
V
Operating
Temperature
Topr
Storage Temperature
Tstg
Item
Symbol
Unit
Absolute Maximum Ratings
-30~+85
-30~+100
5335S Series
2012.11.14


Similar Part No. - EPYPY5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EPY-PY5334S STANLEY-EPY-PY5334S Datasheet
2Mb / 33P
   Single Color ?5 Round Shape Type
EPY/PY5335S STANLEY-EPY/PY5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
EPY5334S STANLEY-EPY5334S Datasheet
2Mb / 33P
   Single Color ?5 Round Shape Type
More results

Similar Description - EPYPY5335S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
BG5307S STANLEY-BG5307S Datasheet
436Kb / 33P
   Single Color ?5 Round Shape Type
WR5005S STANLEY-WR5005S Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com