Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS84DW-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS84DW-7-F
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS84DW-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS84DW-7-F Datasheet HTML 1Page - Diodes Incorporated BSS84DW-7-F Datasheet HTML 2Page - Diodes Incorporated BSS84DW-7-F Datasheet HTML 3Page - Diodes Incorporated BSS84DW-7-F Datasheet HTML 4Page - Diodes Incorporated BSS84DW-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BSS84DW
Document number: DS30204 Rev. 17 - 2
2 of 5
www.diodes.com
February 2013
© Diodes Incorporated
BSS84DW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-50
V
Drain-Gate Voltage (Note 5)
VDGR
-50
V
Gate-Source Voltage
Continuous
VGSS
20
V
Drain Current (Note 6)
Continuous
ID
-130
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
300
mW
Thermal Resistance, Junction to Ambient
RθJA
417
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-50
-75
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS

-1
-2
-100
µA
µA
nA
VDS = -50V, VGS = 0V, TJ = +25°C
VDS = -50V, VGS = 0V, TJ = +125°C
VDS = -25V, VGS = 0V, TJ = +25°C
Gate-Body Leakage
IGSS
10
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.8
-1.6
-2.0
V
VDS = VGS, ID = -1mA
Static Drain-Source On-Resistance
RDS (ON)
6
10
VGS = -5V, ID = -0.100A
Forward Transconductance
gFS
0.05
S
VDS = -25V, ID = -0.1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
45
pF
VDS = -25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
12
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
10
ns
VDD = -30V, ID = -0.27A,
RGEN = 50, VGS = -10V
Turn-Off Delay Time
tD(OFF)
18
ns
Notes:
5. RGS  20K.
6. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001,
which can be found on our website at http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - BSS84DW-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DW-7-F DIODES-BSS84DW-7-F Datasheet
447Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30204 Rev. 10 - 2
BSS84DW-7-F DIODES-BSS84DW-7-F Datasheet
200Kb / 3P
   DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev. 13 - 2 November 2007
BSS84DW-7-F DIODES-BSS84DW-7-F Datasheet
207Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - BSS84DW-7-F

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com