Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS84DWQ-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSS84DWQ-7
Description  DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS84DWQ-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  BSS84DWQ-7 Datasheet HTML 1Page - Diodes Incorporated BSS84DWQ-7 Datasheet HTML 2Page - Diodes Incorporated BSS84DWQ-7 Datasheet HTML 3Page - Diodes Incorporated BSS84DWQ-7 Datasheet HTML 4Page - Diodes Incorporated BSS84DWQ-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSS84DW
Document number: DS30204 Rev. 17 - 2
3 of 5
www.diodes.com
February 2013
© Diodes Incorporated
BSS84DW
0
50
100
25
50
75
100 125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Max Power Dissipation vs. Ambient Temperature
A
150
200
250
300
350
0
400
0
-600
-500
-400
-300
-200
-100
0-2
-1
-5
-4
-3
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 2 Drain-Source Current vs. Drain-Source Voltage
DS
T = 25 C
A
°
-0.0
-1.0
-0.8
-0.6
-0.4
-0.2
0-2
-3
-4
-1
-8
-7
-6
-5
V , GATE-SOURCE VOLTAGE (V)
Fig. 3 Drain-Current vs. Gate-Source Voltage
GS
0
1
2
4
5
3
6
8
7
10
9
0-1
-2
-3
-4
-5
V , GATE-SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs. Gate-Source Voltage
GS
T= 25 C
A
°
T = 125 C
A
°
0
3
6
9
12
15
-50 -25
0
25
50
125
100
75
150
T , JUNCTION TEMPERATURE (°C)
Fig. 5 On-Resistance vs. Junction Temperature
J
V
= -10V
I = -0.13A
GS
D
0.0
5.0
10.0
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
I , DRAIN-CURRENT (A)
Fig. 6 On-Resistance vs. Drain-Current
D
15.0
20.0
25.0
V
= -8V
GS
V
= -10V
GS
V
= -3V
GS
V= -3.5V
GS
V
= -4V
GS
V
= -4.5V
GS
V
= -6V
GS
V
= -5V
GS


Similar Part No. - BSS84DWQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS84DWQ-7 DIODES-BSS84DWQ-7 Datasheet
207Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
BSS84DWQ-7 DIODES-BSS84DWQ-7 Datasheet
584Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
September 2021
More results

Similar Description - BSS84DWQ-7

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com