Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUV48-S Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # BUV48-S
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BUV48-S Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  BUV48-S Datasheet HTML 1Page - Bourns Electronic Solutions BUV48-S Datasheet HTML 2Page - Bourns Electronic Solutions BUV48-S Datasheet HTML 3Page - Bourns Electronic Solutions BUV48-S Datasheet HTML 4Page - Bourns Electronic Solutions BUV48-S Datasheet HTML 5Page - Bourns Electronic Solutions BUV48-S Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BUV48, BUV48A
NPN SILICON POWER TRANSISTORS
5
P RO D UCT
INFORMA TION
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 5.
Figure 6.
Figure 7.
Figure 8.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
20
0·1
1·0
10
1·0
10
100
TCP765AA
V
CE = 5 V
T
C = 125°C
T
C =
25°C
T
C =
-65°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0·1
1·0
10
0
1·0
2·0
3·0
4·0
5·0
TCP765AB
I
C =
5 A
I
C = 10 A
I
C = 15 A
T
C = 25°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0·1
1·0
10
0
1·0
2·0
3·0
4·0
5·0
TCP765AI
T
C = 100°C
I
C =
5 A
I
C = 10 A
I
C = 15 A
BASE-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0123
456
0·8
0·9
1·0
1·1
1·2
1·3
1·4
1·5
1·6
TCP765AC
I
C = 5 A
I
C = 10 A
I
C = 15 A
OBSOLET
E


Similar Part No. - BUV48-S

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
   POWER TRANSISTORS(15A,400-450V,150W)
logo
Motorola, Inc
BUV48 MOTOROLA-BUV48 Datasheet
308Kb / 8P
   SWITCHMODE II Series NPN Silicon Power Transistors
logo
ON Semiconductor
BUV48 ONSEMI-BUV48 Datasheet
280Kb / 8P
   SITCHMODE II Series NPN Silicon Power Transistors
1996 REV 8
logo
Power Innovations Ltd
BUV48 POINN-BUV48 Datasheet
189Kb / 8P
   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
BUV48 TRSYS-BUV48 Datasheet
575Kb / 7P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - BUV48-S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com