Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC4515 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74HC4515
Description  4-bit Latch/4-to-16-line Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC4515 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC4515 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC4515 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC4515 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC4515 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC4515 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC4515 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC4515 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC4515 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC4515
4-bit Latch/4-to-16-line Decoder
Description
This device presents 4-to-16 line decoder with latched inputs. The HD74HC4515 presents a low level at
the selected output.
This device consists of four storage latches with common strobe and inhibit (
G) inputs. When a low signal
is applied to the strobe input, the input data is stored, decoded, and presented to the output. When inhibit is
high, all HD74HC4515 outputs are a high logic level.
Features
• High Speed Operation: t
pd (Data to S) = 20 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)


Similar Part No. - HD74HC4515

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4511 HITACHI-HD74HC4511 Datasheet
59Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4511FPEL RENESAS-HD74HC4511FPEL Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4511P RENESAS-HD74HC4511P Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
HD74HC4511RPEL RENESAS-HD74HC4511RPEL Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
More results

Similar Description - HD74HC4515

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
ON Semiconductor
MC14514B ONSEMI-MC14514B_13 Datasheet
130Kb / 8P
   4-Bit Transparent Latch / 4-to-16 Line Decoder
May, 2013 ??Rev. 9
MC14514B ONSEMI-MC14514B Datasheet
202Kb / 12P
   4-Bit Transparent Latch/4-to-16 Line Decoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
289Kb / 12P
   4 TO 16 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC4514AP TOSHIBA-TC74HC4514AP_07 Datasheet
325Kb / 8P
   4-to-16 Line Decoder/Latch
TC74HC4514AP TOSHIBA-TC74HC4514AP Datasheet
237Kb / 5P
   4-TO-16 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC4515 STMICROELECTRONICS-M74HC4515 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH (INV.)
M74HC4514 STMICROELECTRONICS-M74HC4514 Datasheet
188Kb / 10P
   HC4514: 4 TO 16 LINE DECODER/LATCH HC4515: 4 TO 16 LINE DECODER LATCH INV.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com