Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD48E38 Datasheet(PDF) 7 Page - Rohm

Part # BD48E38
Description  Standard CMOS Standard CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD48E38 Datasheet(HTML) 7 Page - Rohm

Back Button BD48E38 Datasheet HTML 3Page - Rohm BD48E38 Datasheet HTML 4Page - Rohm BD48E38 Datasheet HTML 5Page - Rohm BD48E38 Datasheet HTML 6Page - Rohm BD48E38 Datasheet HTML 7Page - Rohm BD48E38 Datasheet HTML 8Page - Rohm BD48E38 Datasheet HTML 9Page - Rohm BD48E38 Datasheet HTML 10Page - Rohm BD48E38 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Datasheet
7/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
Electrical Characteristics (Unless Otherwise Specified, Ta=-40 to 105°C) - continued
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
‘Low’Output Voltage (Nch)
VOL
VDD=1.5V, ISINK = 0.4 mA, VDET=2.3-6.0V
-
-
0.5
V
VDD=2.4V, ISINK = 2.0 mA, VDET=2.7-6.0V
-
-
0.5
‘High’Output Voltage (Pch)
(BD49Exxx Series)
VOH
VDD=4.8V, ISOURCE=0.7 mA, VDET(2.3V to 4.2V)
VDD-0.5
-
-
V
VDD=6.0V, ISOURCE=0.9 mA,VDET(4.3V to 5.2V)
VDD-0.5
-
-
VDD=8.0V, ISOURCE=1.1 mA,VDET(5.3V to 6.0V)
VDD-0.5
-
-
Leak Current when OFF
(BD48xxx Series)
Ileak
VDD=VDS=10V
*1
-
-
0.1
µA
Detection Voltage
Temperature coefficient
VDET/∆T
Ta=-40°C to 105°C
(Designed Guarantee)
-
±100
±360
ppm/°C
Hysteresis Voltage
∆VDET
VDD=L
H
L, RL=470kΩ
VDET×0.03 VDET×0.05 VDET×0.08
V
VDET(T) : Standard Detection Voltage(2.3V to 6.0V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.
CL: Capacitor to be connected between VOUT and GND.
Design Guarantee. (Outgoing inspection is not done on all products.)
*1
Guaranteed at Ta=25°C.


Similar Part No. - BD48E38

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48E38 ROHM-BD48E38 Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48E38 ROHM-BD48E38 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E38 ROHM-BD48E38 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E38 ROHM-BD48E38 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E38 ROHM-BD48E38 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD48E38

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AIVR8511 APLUS-AIVR8511 Datasheet
194Kb / 7P
   Standard CMOS process
AP8921A APLUS-AP8921A Datasheet
210Kb / 17P
   Standard CMOS process
AP89021 APLUS-AP89021 Datasheet
211Kb / 18P
   Standard CMOS process
AP8942A APLUS-AP8942A Datasheet
274Kb / 18P
   Standard CMOS process
AP89042 APLUS-AP89042 Datasheet
248Kb / 19P
   Standard CMOS process
AP89341 APLUS-AP89341 Datasheet
308Kb / 24P
   Standard CMOS process
AIVR1004 APLUS-AIVR1004_10 Datasheet
201Kb / 8P
   Standard CMOS process.
logo
Fujitsu Component Limit...
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
   Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
   Semicustom CMOS Standard Cell
CS200 FUJITSU-CS200_08 Datasheet
983Kb / 2P
   65nm CMOS Standard Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com