Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD48E37 Datasheet(PDF) 3 Page - Rohm

Part # BD48E37
Description  Standard CMOS Standard CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD48E37 Datasheet(HTML) 3 Page - Rohm

  BD48E37 Datasheet HTML 1Page - Rohm BD48E37 Datasheet HTML 2Page - Rohm BD48E37 Datasheet HTML 3Page - Rohm BD48E37 Datasheet HTML 4Page - Rohm BD48E37 Datasheet HTML 5Page - Rohm BD48E37 Datasheet HTML 6Page - Rohm BD48E37 Datasheet HTML 7Page - Rohm BD48E37 Datasheet HTML 8Page - Rohm BD48E37 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Datasheet
3/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
(Unit : mm)
VSOF5
4
3
1.0
±0.05
1
0.22
±0.05
0.5
5
1.6
±0.05
0.13
±0.05
2
SSOP3
2.92
±
0.1
3
4
°±
4
°
0.15
±
0.05
1
2
0.95
1.9
±
0.1
0.4
±
0.1
L
X X


Similar Part No. - BD48E37

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48E37 ROHM-BD48E37 Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48E37 ROHM-BD48E37 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E37 ROHM-BD48E37 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E37 ROHM-BD48E37 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E37 ROHM-BD48E37 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD48E37

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AIVR8511 APLUS-AIVR8511 Datasheet
194Kb / 7P
   Standard CMOS process
AP8921A APLUS-AP8921A Datasheet
210Kb / 17P
   Standard CMOS process
AP89021 APLUS-AP89021 Datasheet
211Kb / 18P
   Standard CMOS process
AP8942A APLUS-AP8942A Datasheet
274Kb / 18P
   Standard CMOS process
AP89042 APLUS-AP89042 Datasheet
248Kb / 19P
   Standard CMOS process
AP89341 APLUS-AP89341 Datasheet
308Kb / 24P
   Standard CMOS process
AIVR1004 APLUS-AIVR1004_10 Datasheet
201Kb / 8P
   Standard CMOS process.
logo
Fujitsu Component Limit...
CS81 FUJITSU-CS81 Datasheet
75Kb / 12P
   Semicustom CMOS Standard cell
CS201 FUJITSU-CS201 Datasheet
70Kb / 9P
   Semicustom CMOS Standard Cell
CS200 FUJITSU-CS200_08 Datasheet
983Kb / 2P
   65nm CMOS Standard Cell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com