Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD48E31 Datasheet(PDF) 3 Page - Rohm

Part # BD48E31
Description  Standard CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD48E31 Datasheet(HTML) 3 Page - Rohm

  BD48E31 Datasheet HTML 1Page - Rohm BD48E31 Datasheet HTML 2Page - Rohm BD48E31 Datasheet HTML 3Page - Rohm BD48E31 Datasheet HTML 4Page - Rohm BD48E31 Datasheet HTML 5Page - Rohm BD48E31 Datasheet HTML 6Page - Rohm BD48E31 Datasheet HTML 7Page - Rohm BD48E31 Datasheet HTML 8Page - Rohm BD48E31 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Datasheet
3/15
BD48xxx series
BD49xxx series
TSZ02201-0R7R0G300030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.008
www.rohm.com
TSZ22111
15
001
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
(Unit : mm)
VSOF5
4
3
1.0
±0.05
1
0.22
±0.05
0.5
5
1.6
±0.05
0.13
±0.05
2
SSOP3
2.92
±
0.1
3
4
°±
4
°
0.15
±
0.05
1
2
0.95
1.9
±
0.1
0.4
±
0.1
L
X X


Similar Part No. - BD48E31

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48E31 ROHM-BD48E31 Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48E31 ROHM-BD48E31 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E31 ROHM-BD48E31 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E31 ROHM-BD48E31 Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD48E31 ROHM-BD48E31 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD48E31

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-MTR ROHM-BD48E23G-MTR Datasheet
343Kb / 17P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com