Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21-R6C-B0Q1R2B0E Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 15-21-R6C-B0Q1R2B0E
Description  1206 Package Chip LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21-R6C-B0Q1R2B0E Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 15-21-R6C-B0Q1R2B0E Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 9Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 10Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 11Page - Everlight Electronics Co., Ltd 15-21-R6C-B0Q1R2B0E Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DATASHEET
SMD  B
15-21-R6C-B0Q1R2B0E-2T-AM
10
Copyright © 2010, Everlight All Rights Reserved. Release Date :May .8.2013. Issue No: DSE-0001993
Rev.3
www.everlight.com
Precautions for Use
1.
Soldering Condition (Reference: IPC/JEDEC J-STD-020D)
a. IR reflow
b. Wave soldering reflow
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Times(s)
max. 120s
max. 100s
max. 30s
max. Ramp Up 3 ℃/s
max. Ramp Down 6 ℃/s
217℃
240℃
255℃
245℃
max. 260℃


Similar Part No. - 15-21-R6C-B0Q1R2B0E

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
15-21-R6C-B0Q1R2B0E-2T-AM EVERLIGHT-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
299Kb / 13P
   1206 Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
15-21-R6C-B0Q1R2B0E-2T-AM TO-GRACE-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
941Kb / 13P
   1206 Package Chip LED
logo
Everlight Electronics C...
15-21-R6C-B0Q1R2B0E EVERLIGHT-15-21-R6C-B0Q1R2B0E_15 Datasheet
426Kb / 12P
   Chip LED package
More results

Similar Description - 15-21-R6C-B0Q1R2B0E

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
15-21-G6C-A0N1P2B0E-2T-AM TO-GRACE-15-21-G6C-A0N1P2B0E-2T-AM Datasheet
634Kb / 13P
   1206 Package Chip LED
logo
Everlight Electronics C...
15-21-G6C-A0N1P2B0E-2T-AM EVERLIGHT-15-21-G6C-A0N1P2B0E-2T-AM Datasheet
232Kb / 13P
   1206 Package Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
15-21-R6C-B0Q1R2B0E-2T-AM TO-GRACE-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
941Kb / 13P
   1206 Package Chip LED
15-21-Y2C-A0P1Q2B0E-2T-AM TO-GRACE-15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet
975Kb / 13P
   1206 Package Chip LED
logo
Everlight Electronics C...
15-21-R6C-B0Q1R2B0E-2T-AM EVERLIGHT-15-21-R6C-B0Q1R2B0E-2T-AM Datasheet
299Kb / 13P
   1206 Package Chip LED
15-21-Y2C-A0P1Q2B0E-2T-AM EVERLIGHT-15-21-Y2C-A0P1Q2B0E-2T-AM Datasheet
300Kb / 13P
   1206 Package Chip LED
IR15-21C-TR8 EVERLIGHT-IR15-21C-TR8_15 Datasheet
236Kb / 9P
   1206 Package Chip Infrared LED
EAIST3215A0 EVERLIGHT-EAIST3215A0 Datasheet
550Kb / 9P
   1206 Package Chip Infrared LED
15-21-R6C-AN1P2-2T EVERLIGHT-15-21-R6C-AN1P2-2T Datasheet
160Kb / 10P
   1206 Package Chip LED(1.1mm Height)
15-21-R6C-FQ1R1B-2T EVERLIGHT-15-21-R6C-FQ1R1B-2T Datasheet
137Kb / 10P
   1206 Package Chip LED(1.1mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com