Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC51 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HD74HC51
Description  2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC51 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  HD74HC51 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC51 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC51 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC51 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC51 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC51 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC51 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC51 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40
± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Pd plating


Similar Part No. - HD74HC51

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
HD74HC51FPEL RENESAS-HD74HC51FPEL Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
HD74HC51P RENESAS-HD74HC51P Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
HD74HC51RPEL RENESAS-HD74HC51RPEL Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
More results

Similar Description - HD74HC51

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
   Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
logo
Hitachi Semiconductor
HD74LS51 HITACHI-HD74LS51 Datasheet
42Kb / 5P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
logo
Renesas Technology Corp
HD74LS51 RENESAS-HD74LS51 Datasheet
163Kb / 5P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
logo
Motorola, Inc
SN54LS51 MOTOROLA-SN54LS51 Datasheet
48Kb / 2P
   DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE
logo
Texas Instruments
SN74F51 TI1-SN74F51 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
logo
National Semiconductor ...
54LS51 NSC-54LS51 Datasheet
63Kb / 3P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com